Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9004ISN16 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TS9004ISN16
Description  Low-Power Single/Dual-Supply Quad Comparator with Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9004ISN16 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TS9004ISN16 Datasheet HTML 5Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 6Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 7Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 8Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 9Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 10Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 11Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 12Page - Silicon Laboratories TS9004ISN16 Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TS9004
TS9004 Rev. 1.0
Page 9
THEORY OF OPERATION
The TS9004 quad, low-voltage, micropower analog
comparator
provides
excellent
flexibility
and
performance while sourcing continuously up to
40mA of current. The TS9004 draws 8µA (max) for
all 4 comparators, including the reference. It exhibits
an input offset voltage of ±4.5mV, and has an
on-board +1.182V ±0.75% voltage reference. To
minimize glitches that can occur with parasitic
feedback or a less than optimal board layout, the
design of the TS9004 output stage is optimized to
eliminate crowbar glitches as the output switches.
Power-Supply and Input Signal Ranges
The TS9004 can operate from a single supply
voltage range of +2.5V to +11V, provides a wide
common mode input voltage range of V- to
V+ - 1.3V, and accept input signals ranging from V-
to V+ - 1V. The inputs can accept an input as much
as 300mV above and below the power supply rails
without damage to the part. While the TS9004 is
able to operate from a single supply voltage range, a
GND pin is available that allows for a dual supply
operation with a range of ±1.25V to ±5.5V. If a single
supply operation is desired, the GND pin needs to
be tied to V-. In a dual supply mode, the TS9004 is
compatible with TTL/CMOS with a ±5V voltage.
Low-Voltage Operation: V+ = 1.5V
The TS9004 can operate down to a supply voltage
of 2V; however, as the supply voltage reduces, the
TS9004 supply current drops and the performance is
degraded. When the supply voltage drops to 2.2V,
the reference voltage will no longer function;
however, the comparators will function down to a 1V
supply voltage. Furthermore, the input voltage range
is extended to just below 1V the positive supply rail.
For applications with a sub-2.5V power supply, it is
recommended to evaluate the circuit over the entire
power supply range and temperature.
Comparator Output
The TS9004 has a GND pin that allows the output to
swing from V+ to GND while the V- pin can be set to
a voltage below GND as long as the voltage
difference between V+ and V- is within 11V. Having
a different voltage on V- will not affect the output
swing. For TTL applications, V+ can be set to
+5V±10% and V- can be set anywhere between 0V
and -5V±10%. Furthermore, the output design of the
TS9004 can source and sink more than 40mA and
5mA, respectively, while simultaneously maintaining
a quiescent current in the microampere range. If the
power dissipation of the package is maintained
within the max limit, the output can source pulses of
100mA of current with V+ set to +5V. In an effort to
minimize external components needed to address
power supply feedback, the TS9004 output does not
produce crowbar switching current as the output
switches.
With
a
10mV
input
overdrive,
the
propagation delay of the TS9004 is 17
μs.
Voltage Reference
The TS9004 has an on-board 1.182V reference
voltage with an accuracy of ±0.75%. The REF pin is
able to source and sink 20
μA and 10μA of current,
respectively. The REF pin is referenced to V- and it
should not be bypassed.
Noise Considerations
Noise can play a role in the overall performance of
the TS9004. Despite having a large gain, if the input
voltage is near or equal to the input offset voltage,
the output will randomly switch HIGH and LOW. As a
result, the TS9004 produces a peak-to-peak noise of
about 0.3mVPP while the reference voltage produces
a peak-to-peak noise of about 1mVPP. Furthermore,
it is important to design a layout that minimizes
capacitive coupling from a given output to the
reference pin as crosstalk can add noise and as a
result, degrade performance.
APPLICATIONS INFORMATION
Hysteresis
As a result of circuit noise or unintended parasitic
feedback, many analog comparators often break into
oscillation within their linear region of operation
especially when the applied differential input voltage
approaches 0V (zero volt). Externally-introduced
hysteresis
is
a
well-established
technique
to
stabilizing analog comparator behavior and requires
external components. As shown in Figure 1, adding
comparator hysteresis creates two trip points: VTHR
(for the rising input voltage) and VTHF (for the falling
input voltage). The hysteresis band (VHB) is defined
as the voltage difference between the two trip points.
When a comparator’s input voltages are equal,
hysteresis effectively forces one comparator input to
move quickly past the other input, moving the input


Similar Part No. - TS9004ISN16

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS9004ISN16T TOUCHSTONE-TS9004ISN16T Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004ISN16T TOUCHSTONE-TS9004ISN16T Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004ISN16TP TOUCHSTONE-TS9004ISN16TP Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004ISN16TP TOUCHSTONE-TS9004ISN16TP Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results

Similar Description - TS9004ISN16

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com