Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS6001BIG325T Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TS6001BIG325T
Description  Improved Electrical Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS6001BIG325T Datasheet(HTML) 1 Page - Silicon Laboratories

  TS6001BIG325T Datasheet HTML 1Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 2Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 3Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 4Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 5Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 6Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 7Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 8Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS6001
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 Improved Electrical Performance
over MAX6025
 Initial Accuracy:
0.08% (max) – TS6001A
0.16% (max) – TS6001B
 Temperature Coefficient:
7ppm/°C (max) – TS6001A
10ppm/°C (max) – TS6001B
 Quiescent Supply Current: 35
μA (max)
 Low Supply Current Change with VIN: 0.1μA/V
 Output Source/Sink Current: ±500µA
 Low Dropout at 500
μA Load Current: 75mV
 Load Regulation: 30ppm/mA
 Line Regulation: 10ppm/V
 Stable with CLOAD up to 2200pF
APPLICATIONS
Battery-Operated Equipment
Data Acquisition Systems
Hand-Held Equipment
Smart Industrial Transmitters
Industrial and Process-Control Systems
Precision 3V/5V Systems
Hard-Disk Drives
DESCRIPTION
The TS6001 is a 3-terminal, series-mode 2.5-V
precision voltage reference and is a pin-for-pin,
identical to the MAX6025 voltage reference with
improved
electrical
performance.
The
TS6001
consumes only 31
μA of supply current at no-load,
exhibits an initial output voltage accuracy of less than
0.08%,
and
a
low
output
voltage
temperature
coefficient of 7ppm/°C. In addition, the TS6001’s
output stage is stable for all capacitive loads to
2200pF and is capable of sinking and sourcing load
currents up to 500µA.
Since the TS6001 is a series-mode voltage reference,
its supply current is not affected by changes in the
applied supply voltage unlike two-terminal shunt-
mode references that require an external resistor.
The TS6001’s small form factor and low supply
current operation all combine to make it an ideal
choice in low-power, precision applications.
The TS6001 is fully specified over the -40°C to +85°C
temperature range and is available in a 3-pin SOT23
package.
A 7ppm/
°C, 0.08% Precision +2.5V Voltage Reference in SOT23
TYPICAL APPLICATION CIRCUIT
TEMPERATURE DRIFT-
°C
-40
-15
10
35
85
60
2.4995
2.4990
THREE TYPICAL DEVICES
DEVICE #1
DEVICE #2
DEVICE #3
2.5005
2.5000
2.5010
Output Voltage Temperature Drift


Similar Part No. - TS6001BIG325T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS6001BIG325T TOUCHSTONE-TS6001BIG325T Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001BIG325T TOUCHSTONE-TS6001BIG325T Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Similar Description - TS6001BIG325T

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
   AlN substrate for improved performance
10-FZ122PA100FC01-P999F58 VINCOTECH-10-FZ122PA100FC01-P999F58 Datasheet
2Mb / 15P
   AlN substrate for improved performance
logo
Keysight Technologies
N5392C KEYSIGHT-N5392C Datasheet
1Mb / 15P
   Electrical Performance Validation
U7232C KEYSIGHT-U7232C Datasheet
7Mb / 19P
   Electrical Performance Validation
logo
Agilent(Hewlett-Packard...
N5394A HP-N5394A Datasheet
774Kb / 11P
   DVI Electrical Performance
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
   Full digital controls for improved performance
logo
Agilent(Hewlett-Packard...
N5392A HP-N5392A Datasheet
1Mb / 14P
   Ethernet Electrical Performance
logo
Unisonic Technologies
UCS1605SL-D08-T UTC-UCS1605SL-D08-T Datasheet
272Kb / 7P
   Frequency hopping for Improved EMI Performance
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com