Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3004 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # TS3004
Description  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button TS3004 Datasheet HTML 4Page - Silicon Laboratories TS3004 Datasheet HTML 5Page - Silicon Laboratories TS3004 Datasheet HTML 6Page - Silicon Laboratories TS3004 Datasheet HTML 7Page - Silicon Laboratories TS3004 Datasheet HTML 8Page - Silicon Laboratories TS3004 Datasheet HTML 9Page - Silicon Laboratories TS3004 Datasheet HTML 10Page - Silicon Laboratories TS3004 Datasheet HTML 11Page - Silicon Laboratories TS3004 Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TS3004
Page 8
TS3004 Rev. 1.0
With an RSET = 4.32M
Ω and FDIV2:0=111, the FOUT
period is approximately 83.89s with a 50% duty cycle.
As design aids, Tables 2 lists TS3004’s typical FOUT
period for various standard values for RSET and
FDIV2:0 = 111(7).
The output period can be user-adjusted from 3.3µs to
233s without additional components. Frequency
divider inputs FDIV2:0 can be set to a logic state
HIGH or LOW in order to set the desired frequency
as shown in to Table 1.
The TS3004 also provides a separate PWM output
signal at its PWMOUT terminal that is anti-phase with
respect to FOUT. A dead time of approximately
106ns exists between FOUT and PWMOUT. To
adjust the pulse width of the PWMOUT output, a
single capacitor can be placed at the CPWM pin. To
determine the capacitance needed for a desired
pulse width, the following equation is to be used:
CPWM(F)=
Pulse Width(s) x ICPWM
VCPWM≅300mV
Equation 2. CPWM Capacitor Calculation
where ICPWM and VCPWM is the current supplied and
voltage applied to the CPWM capacitor, respectively.
The pulse width is determined based on the period of
FOUT and should never be greater than the period at
FOUT. Make sure the PWM_CNTRL pin is set to at
least 400mV when calculating the pulse width of
PWMOUT. Note VCPWM is approximately 300mV,
which is the RSET voltage. Also note that ICPWM is
either 1µA or 100nA. Refer to Table 1.
The PWMOUT output pulse width can be adjusted
further after selecting a CPWM capacitor. This can be
achieved by applying a voltage to the PWM_CNTRL
pin between VRSET and GND. With a voltage of at
least VRSET, the pulse width is set based on Equation
2. For example, with a period of 40µs( 25kHz) a 47pF
capacitor at the CPWM pin generates a pulse width
of approximately 16µs. This can be calculated using
equation 2. By reducing the PWM_CNTRL voltage
from VRSET
≅ 300mV to GND, the pulse width is
reduced from 16µs to approximately 8µs. This is a
pulse width reduction of 50%. Note that as the FOUT
frequency increases, the amount of pulse width
reduction reduces and vice versa. Furthermore, if the
PWMOUT output is half the frequency of the FOUT
output, this means your CPWM capacitor is too large
and as a result, the pulse width is greater than the
FOUT period. In this case, use Equation 2 and
reduce the capacitor value to less than the period.
Connect CPWM to VDD to disable the PWM function
and in turn, save power. Connect PWM_CNTRL to
VDD for a fixed PWMOUT output pulse width, which
is determined by the CPWM pin capacitor only.
APPLICATIONS INFORMATION
Minimizing Power Consumption
To keep the TS3004’s power consumption low,
resistive loads at the FOUT and PWMOUT terminals
increase dc power consumption and therefore should
be as large as possible. Capacitive loads at the
FOUT
and
PWMOUT
terminals
increase
the
TS3004’s transient power consumption and, as well,
should be as small as possible.
One challenge to minimizing the TS3004’s transient
power consumption is the probe capacitance of
oscilloscopes and frequency counter instruments.
Most instruments exhibit an input capacitance of
15pF or more. Unless buffered, the increase in
transient load current can be as much as 400nA.
To minimize capacitive loading, the technique shown
in Figure 1 can be used. In this circuit, the principle of
series-connected capacitors can be used to reduce
the effective capacitive load at the TS3004’s FOUT
and PWMOUT terminals.
To determine the optimal value for CEXT once the
probe capacitance is known by simply solving for
CEXT using the following expression:
Figure 1: Using an External Capacitor in Series with
Probes Reduces Effective Capacitive Load.
CEXT =
1
1
CLOAD(EFF)
-
1
CPROBE
Equation 3:External Capacitor Calculation


Similar Part No. - TS3004

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M015QFNR SEMTECH-TS30041-M015QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

Similar Description - TS3004

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com