Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3002ITD822T Datasheet(PDF) 11 Page - Silicon Laboratories

Part # TS3002ITD822T
Description  Easy-to-Use Silicon Oscillator/Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3002ITD822T Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button TS3002ITD822T Datasheet HTML 5Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 6Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 7Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 8Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 9Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 10Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 11Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 12Page - Silicon Laboratories TS3002ITD822T Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS3002
TS3002 Rev. 1.0
Page 11
341mV
can
generate
an
FOUT
output
signal
frequency range of 5.2kHz to 90kHz as well. It is
recommended to use resistor values with a 1%
tolerance.
Using a Potentiometer to Trim the TS3002’s
Output Frequency
By using a fixed resistor and a potentiometer, the
output frequency of the TS3002 can be trimmed as
shown in Figure 4. By selecting a fixed resistor R1
with a tolerance of 0.1% and a potentiometer P1 with
a 5% tolerance, the output frequency can be trimmed
to provide a ±2% trimming range. As shown in Figure
5, R1+P1 and C2 set the output frequency to
25.052kHz when P1 = 0
Ω and with P1 =200kΩ, the
resulting output frequency is 24.024kHz.
Using Standard Resistors to Increase FOUT
Resolution
The TS3002 can be configured to provide a 0.1%
resolution on the output frequency as shown in
Figure 5. To do so, R1 can be set to approximately
10% of the value selected for R2. In addition, R2 and
R1 should be chosen with a 0.1% and 1% tolerance,
respectively. Since R2 is 90% of the total resistance,
it has the largest impact on the resolution of the
output frequency. With R1 = 91k
Ω and R2 = 910kΩ,
the output frequency is 90kHz and with R1 = 400k
and R2 = 4M
Ω, the output frequency is 23kHz.
Figure 5: Setting the TS3002’s Output
Frequency to 0.1% Resolution using
Standard Resistors.
Figure 3: Configuring the TS3002 into a Voltage-
Controlled Oscillator.
Figure 4: Using a Fixed Resistor and a
Potentiometer to Trim the TS3002’s
Output Frequency.


Similar Part No. - TS3002ITD822T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

Similar Description - TS3002ITD822T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com