Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1105-200ITD833 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # TS1105-200ITD833
Description  Power Management Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105-200ITD833 Datasheet(HTML) 4 Page - Silicon Laboratories

  TS1105-200ITD833 Datasheet HTML 1Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 2Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 3Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 4Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 5Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 6Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 7Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 8Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2.2 Current Sense Amplifier + Output Buffer
The internal configuration of the TS1105 unidirectional and TS1106 bidirectional current-sense amplifiers are buffered variations of the
TS1100 unidirectional and TS1101 bidirectional current-sense amplifier respectively. The TS1106 current-sense amplifier is configured
for fully differential input/output operation, therefore the behavior of the TS1106 current-sense amplifier is identical for either VRS+ >
VRS– or VRS– > VRS+.
Referring to the block diagrams, the inputs of the TS1105/06’s differential input/output amplifier are connected to RS+ and RS– across
an external RSENSE resistor that is used to measure current. At the non-inverting input of the current-sense amplifier, the applied volt-
age difference in voltage between RS+ and RS– is ILOAD x RSENSE. Since the RS– terminal is the non-inverting input of the internal op-
amp, the current-sense op-amp action drives PMOS[1/2] to drive current across RGAIN[A/B] to equalize voltage at its inputs.
Thus, since the PMOS source for both M1 and M2 are connected to the inverting input of the internal op-amp and since the voltage
drop across RGAINA or RGAINB is the same as the external VSENSE, the PMOS drain-source current for either M1 or M2 is equal to:
IDS(M 1&M 2) =
VSENSE
R
GAIN A/B
or
IDS(M 1&M 2) =
ILOAD × RSENSE
R
GAIN A/B
The drain terminal for PMOS[1/2] is connected to the transimpedance amplifier’s gain resistor, ROUT, via the inverting terminal. The
non-inverting terminal of the transimpedance amplifier is internally connected to VBIAS, therefore the output voltage of the TS1105/06
at the OUT terminal is
VOUT = VBIAS − ILOAD × RSENSE ×
ROUT
R
GAIN A/B
The current-sense amplifier’s gain accuracy is therefore the ratio match of ROUT to RGAIN[A/B]. For each of the gain options available,
the table below lists the values for RGAIN[A/B]
Table 2.1. Internal Gain Setting Resistors (Typical Values)
GAIN (V/V)
RGAIN[A/B] (Ω)
ROUT (Ω)
Part Number
20
2 k
40 k
TS1105-20
200
200
40 k
TS1105-200
20
2 k
40 k
TS1106-20
200
200
40 k
TS1106-200
The TS1105/06 allows access to the inverting terminal of the transimpedance amplifier by the FILT pin, whereby a series RC filter may
be connected to reduce noise at the OUT terminal. The recommended RC filter is 4 kΩ and 0.47 μF connected in series from FILT to
GND to suppress the noise. Any capacitance at the OUT terminal should be minimized for stable operation of the buffer.
TS1105/06 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 3


Similar Part No. - TS1105-200ITD833

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1105-200ITD833

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com