Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA200PFP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA200PFP
Description  DMD Micromirror Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA200PFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPA200PFP Datasheet HTML 5Page - Texas Instruments DLPA200PFP Datasheet HTML 6Page - Texas Instruments DLPA200PFP Datasheet HTML 7Page - Texas Instruments DLPA200PFP Datasheet HTML 8Page - Texas Instruments DLPA200PFP Datasheet HTML 9Page - Texas Instruments DLPA200PFP Datasheet HTML 10Page - Texas Instruments DLPA200PFP Datasheet HTML 11Page - Texas Instruments DLPA200PFP Datasheet HTML 12Page - Texas Instruments DLPA200PFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DLPA200
www.ti.com
DLPS015D – APRIL 2010 – REVISED MAY 2015
7.6 5-V Linear Regulator
TA = 25°C, P12V = 10.8 V to 13.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V5REG
Output voltage
Average voltage, IOUT = 4 mA to 50 mA
4.75
5
5.25
V
IIL
Output current: internal logic
4
20
mA
Output current: external
IIE
0
30
mA
circuitry
ICL5
Current limit
80
mA
V5REG voltage increasing, P12V
4.1
= 5.4 V
VUV5
Undervoltage threshold
IOUT = 50 mA
V
V5REG voltage falling, P12V =
3.9
5.2 V
VRIP
Output ripple voltage(1)
200
mVpk-pk
VOS5
Voltage overshoot at start up
2
%V5REG
tss
Power up
Measured between 10 to 90% of V5REG
1
ms
(1)
Output ripple voltage relies on suitable external components being selected and good printed circuit board layout practice.
7.7 Bias Voltage Boost Converter
TA = 25°C, P12V = 10.8 V to 13.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Load = 400pF, 39
Ω,
IRL
Output current: reset outputs
0
18
mA
repetition frequency = 50 kHz
Output current: quiescent /
Load = 400 pF, 39
Ω,
IQL
3
mA
drivers
repetition frequency = 50 kHz
IDL
Output current: DMD load
0
5
mA
ICLFB
Current limit flag
Corresponding current on output at P12V = 10.8 V
30
mA
ICLB
Current limit
Measured on input
330
376
460
mA
VBIAS
Output voltage
25.5
26
26.5
V
VUVB
VBIAS undervoltage threshold
Bias voltage falling
50
92
%VBIAS
VBIAS_LHI voltage increasing
8
V
VBIAS_LHI undervoltage
VUVLHI
threshold
VBIAS_LHI voltage falling
6.5
V
RDS
Boost switch RDS(on)
TJ = 25°C
2
Ω
VRIP
Output ripple voltage(1)
200
mVpk-pk
FSW
Switching frequency
1.35
1.5
1.65
MHz
VOSB
Voltage overshoot at start up
2
%VBIAS
COUT = 3.3 µF, Measured between 10 to 90% of
tss
Power up
1
ms
target VBIAS
tdis
Discharge current sink
400
mA
(1)
Output ripple voltage relies on suitable external components being selected and good printed circuit board layout practice.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DLPA200


Similar Part No. - DLPA200PFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200PFP TI1-DLPA200PFP Datasheet
1Mb / 46P
[Old version datasheet]   0.55 XGA Series
More results

Similar Description - DLPA200PFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com