Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA200
Description  DMD Micromirror Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA200 Datasheet(HTML) 1 Page - Texas Instruments

  DLPA200 Datasheet HTML 1Page - Texas Instruments DLPA200 Datasheet HTML 2Page - Texas Instruments DLPA200 Datasheet HTML 3Page - Texas Instruments DLPA200 Datasheet HTML 4Page - Texas Instruments DLPA200 Datasheet HTML 5Page - Texas Instruments DLPA200 Datasheet HTML 6Page - Texas Instruments DLPA200 Datasheet HTML 7Page - Texas Instruments DLPA200 Datasheet HTML 8Page - Texas Instruments DLPA200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Select, Latch,
Output Logic
and
High-Voltage
Output
FET Switches
Internal 5 V
and Ref. Supplies
V
Boost Converter
BIAS
V
Buck-Boost Converter
RESET
MODE[1:0]
OUT(00–15)
STROBE
OE
VBIAS_SWL
IRQ
GND
VOFFSET_RAIL
VRESET_RAIL (SUBSTRATE)
VBIAS_RAIL
V5REG
VBIAS
VRESET
VOFFSET
2
2
2
4
16
V
Regulator
OFFSET
Serial Bus
Interface
Power-Up Initialization
Fault Logic
SEL[1:0]
VBIAS_LHI
VRESET_SWL
RESET
SCPEN
SCPCK
SCPDI
SCPDO
DEV_ID[1:0]
P12V
A[3:0]
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPA200
DLPS015D – APRIL 2010 – REVISED MAY 2015
DLPA200 DLP® DMD Micromirror Driver
1 Features
2 Applications
1
Designed for Use as a Part of a DLP Chipset
Industrial:
Generates the Micromirror Clocking Pulses
Direct Imaging Lithography
Required by the DLP Digital Micromirror Device
Laser Marking and Repair Systems
(DMD)
Computer-to-Plate Printers
Generates Specialized Voltage Levels Required
Rapid Prototyping Machines and 3D Printers
for Micromirror Clocking Pulse Generation
3D Scanners for Machine Vision and Quality
Operates From a Single 12-V Power Supply
Control
Provides a VBIAS Voltage Level, Used by the DMD
Medical:
to Control the Array Border Mirrors
Phototherapy Devices
Provides a VOFFSET Voltage Level, Used by the
Ophthalmology
DMD as DMDVCC2
Vascular Imaging
All Logic Inputs are LVTTL and CMOS Compatible
Hyperspectral Imaging
Packaged in an Pb-Free Thermally-Enhanced
3D Scanners for Limb and Skin Measurement
Surface-Mount Package: 80-Pin, 0.5 mm-Pitch,
Enlarged Terminal Pitch, Thin Profile Quad Flat
Confocal Microscopes
Pack (HTQFP)
Display:
3D Imaging Microscopes
Block Diagram
Intelligent and Adaptive Lighting
Augmented Reality and Information Overlay
3 Description
The DLPA200 is a DMD micromirror driver that is one
of multiple components in a DLP chipset. A dedicated
DLP chipset provides developers easier access to the
DMD as well as high speed micromirror control.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
DLPA200
HTQFP (80)
14.00 mm × 14.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA2000 TI-DLPA2000 Datasheet
1Mb / 63P
[Old version datasheet]   DLPC3420 Display Controller
DLPS232 ??OCTOBER 2021
DLPA2000 TI-DLPA2000 Datasheet
1Mb / 63P
[Old version datasheet]   DLPC3421 Display Controller
DLPS231 ??OCTOBER 2021
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
More results

Similar Description - DLPA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com