Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP9500UVFLN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLP9500UVFLN
Description  LVDS Type A DMD
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9500UVFLN Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLP9500UVFLN Datasheet HTML 2Page - Texas Instruments DLP9500UVFLN Datasheet HTML 3Page - Texas Instruments DLP9500UVFLN Datasheet HTML 4Page - Texas Instruments DLP9500UVFLN Datasheet HTML 5Page - Texas Instruments DLP9500UVFLN Datasheet HTML 6Page - Texas Instruments DLP9500UVFLN Datasheet HTML 7Page - Texas Instruments DLP9500UVFLN Datasheet HTML 8Page - Texas Instruments DLP9500UVFLN Datasheet HTML 9Page - Texas Instruments DLP9500UVFLN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
DLP9500UV
DLPS033B – NOVEMBER 2014 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN (1)
TYPE
DATA
INTERNAL
TRACE
SIGNAL
CLOCK
DESCRIPTION
(I/O/P)
RATE (2)
TERM(3)
(MILS)
NAME
NO.
Differentially
D_BP(9)
AG3
Input
LVCMOS
DDR
DCLK_B
727.18
terminated – 100
Ω
Differentially
D_BP(10)
AL9
Input
LVCMOS
DDR
DCLK_B
461.02
terminated – 100
Ω
Differentially
D_BP(11)
AD14
Input
LVCMOS
DDR
DCLK_B
71.35
terminated – 100
Ω
Input data bus B
Differentially
D_BP(12)
AH16
Input
LVCMOS
DDR
DCLK_B
197.69
terminated – 100
Ω
(2x LVDS)
Differentially
D_BP(13)
AF16
Input
LVCMOS
DDR
DCLK_B
150.38
terminated – 100
Ω
Differentially
D_BP(14)
AJ15
Input
LVCMOS
DDR
DCLK_B
243.14
terminated – 100
Ω
Differentially
D_BP(15)
AE17
Input
LVCMOS
DDR
DCLK_B
113.36
terminated – 100
Ω
DATA BUS C
Differentially
D_CN(0)
B14
Input
LVCMOS
DDR
DCLK_C
459.04
terminated – 100
Ω
Differentially
D_CN(1)
E15
Input
LVCMOS
DDR
DCLK_C
342.79
terminated – 100
Ω
Differentially
D_CN(2)
A17
Input
LVCMOS
DDR
DCLK_C
456.22
terminated – 100
Ω
Differentially
D_CN(3)
G21
Input
LVCMOS
DDR
DCLK_C
68.24
terminated – 100
Ω
Differentially
D_CN(4)
B20
Input
LVCMOS
DDR
DCLK_C
362.61
terminated – 100
Ω
Differentially
D_CN(5)
F20
Input
LVCMOS
DDR
DCLK_C
163.07
terminated – 100
Ω
Differentially
D_CN(6)
D22
Input
LVCMOS
DDR
DCLK_C
204.16
terminated – 100
Ω
Differentially
D_CN(7)
G23
Input
LVCMOS
DDR
DCLK_C
105.59
terminated – 100
Ω
Differentially
D_CN(8)
B26
Input
LVCMOS
DDR
DCLK_C
450.51
terminated – 100
Ω
Differentially
D_CN(9)
F28
Input
LVCMOS
DDR
DCLK_C
302.04
terminated – 100
Ω
Differentially
D_CN(10)
C29
Input
LVCMOS
DDR
DCLK_C
429.8
terminated – 100
Ω
Input data bus C
(2x LVDS)
Differentially
D_CN(11)
G27
Input
LVCMOS
DDR
DCLK_C
317.1
terminated – 100
Ω
Differentially
D_CN(12)
D26
Input
LVCMOS
DDR
DCLK_C
276.76
terminated – 100
Ω
Differentially
D_CN(13)
H28
Input
LVCMOS
DDR
DCLK_C
186.78
terminated – 100
Ω
Differentially
D_CN(14)
E29
Input
LVCMOS
DDR
DCLK_C
311.3
terminated – 100
Ω
Differentially
D_CN(15)
J29
Input
LVCMOS
DDR
DCLK_C
262.62
terminated – 100
Ω
Differentially
D_CP(0)
B16
Input
LVCMOS
DDR
DCLK_C
463.64
terminated – 100
Ω
Differentially
D_CP(1)
E17
Input
LVCMOS
DDR
DCLK_C
347.65
terminated – 100
Ω
Differentially
D_CP(2)
A15
Input
LVCMOS
DDR
DCLK_C
456.45
terminated – 100
Ω
Differentially
D_CP(3)
H20
Input
LVCMOS
DDR
DCLK_C
67.72
terminated – 100
Ω
Differentially
D_CP(4)
B22
Input
LVCMOS
DDR
DCLK_C
362.76
terminated – 100
Ω
Differentially
D_CP(5)
F22
Input
LVCMOS
DDR
DCLK_C
161.69
terminated – 100
Ω
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLP9500UV


Similar Part No. - DLP9500UVFLN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9500 TI1-DLP9500 Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP9500BFLN TI1-DLP9500BFLN Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP9500FLN TI1-DLP9500FLN Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
More results

Similar Description - DLP9500UVFLN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP9500 TI1-DLP9500 Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP7000 TI1-DLP7000 Datasheet
1Mb / 52P
[Old version datasheet]   LVDS Type A DMD
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP6500 TI1-DLP6500 Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com