Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP6500FYE Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLP6500FYE
Description  DMD
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP6500FYE Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLP6500FYE Datasheet HTML 3Page - Texas Instruments DLP6500FYE Datasheet HTML 4Page - Texas Instruments DLP6500FYE Datasheet HTML 5Page - Texas Instruments DLP6500FYE Datasheet HTML 6Page - Texas Instruments DLP6500FYE Datasheet HTML 7Page - Texas Instruments DLP6500FYE Datasheet HTML 8Page - Texas Instruments DLP6500FYE Datasheet HTML 9Page - Texas Instruments DLP6500FYE Datasheet HTML 10Page - Texas Instruments DLP6500FYE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
DLP6500FYE
www.ti.com
DLPS053A – OCTOBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLP6500FYE
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table 1. Pin Functions (continued)
PIN(1)
TYPE
(I/O/P)
SIGNAL
DATA
RATE(2)
INTERNAL
TERM(3)
DESCRIPTION
TRACE
(mils)(4)
NAME
NO.
LEAVE PIN UNCONNECTED
RESERVED_PFE
E7
Input
LVCMOS
Pull-Down
For proper DMD operation, do not
connect
RESERVED_TM
D13
Input
LVCMOS
Pull-Down
For proper DMD operation, do not
connect
RESERVED_XI1
E13
Input
LVCMOS
Pull-Down
For proper DMD operation, do not
connect
RESERVED_TP0
W12
Input
Analog
For proper DMD operation, do not
connect
RESERVED_TP1
Y11
Input
Analog
For proper DMD operation, do not
connect
RESERVED_TP2
X11
Input
Analog
For proper DMD operation, do not
connect
LEAVE PIN UNCONNECTED
RESERVED_BA
Y12
Output
LVCMOS
For proper DMD operation, do not
connect
RESERVED_BB
C12
Output
LVCMOS
For proper DMD operation, do not
connect
RESERVED_TS
D5
Output
LVCMOS
For proper DMD operation, do not
connect
LEAVE PIN UNCONNECTED
NO CONNECT
B11
For proper DMD operation, do not
connect
NO CONNECT
C11
For proper DMD operation, do not
connect
NO CONNECT
C13
For proper DMD operation, do not
connect
NO CONNECT
E12
For proper DMD operation, do not
connect
NO CONNECT
E14
For proper DMD operation, do not
connect
NO CONNECT
E23
For proper DMD operation, do not
connect
NO CONNECT
H4
For proper DMD operation, do not
connect
NO CONNECT
N2
For proper DMD operation, do not
connect
NO CONNECT
N3
For proper DMD operation, do not
connect
NO CONNECT
N4
For proper DMD operation, do not
connect
NO CONNECT
R2
For proper DMD operation, do not
connect
NO CONNECT
R3
For proper DMD operation, do not
connect
NO CONNECT
R4
For proper DMD operation, do not
connect
NO CONNECT
T4
For proper DMD operation, do not
connect
NO CONNECT
U2
For proper DMD operation, do not
connect
NO CONNECT
U3
For proper DMD operation, do not
connect
NO CONNECT
U4
For proper DMD operation, do not
connect
NO CONNECT
W3
For proper DMD operation, do not
connect
NO CONNECT
W4
For proper DMD operation, do not
connect


Similar Part No. - DLP6500FYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP6500FLQ TI1-DLP6500FLQ Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
More results

Similar Description - DLP6500FYE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP480RE TI1-DLP480RE_19 Datasheet
764Kb / 47P
[Old version datasheet]   0.48 WUXGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com