Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP3010FQK Datasheet(PDF) 11 Page - Texas Instruments

Part # DLP3010FQK
Description  DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3010FQK Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLP3010FQK Datasheet HTML 7Page - Texas Instruments DLP3010FQK Datasheet HTML 8Page - Texas Instruments DLP3010FQK Datasheet HTML 9Page - Texas Instruments DLP3010FQK Datasheet HTML 10Page - Texas Instruments DLP3010FQK Datasheet HTML 11Page - Texas Instruments DLP3010FQK Datasheet HTML 12Page - Texas Instruments DLP3010FQK Datasheet HTML 13Page - Texas Instruments DLP3010FQK Datasheet HTML 14Page - Texas Instruments DLP3010FQK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
1.0 * VID
VDCLK_P , VDCLK_N
VD_P(0:7) , VD_N(0:7)
0.0 * VID
VCM
0.2 * VID
0.8 * VID
tf
tr
0.0 * VDD
0.2 * VDD
0.3 * VDD
0.7 * VDD
0.8 * VDD
1.0 * VDD
VIH(AC)
VIH(DC)
VIL(DC)
VIL(AC)
tf
tr
LS_CLK, LS_WDATA
0.0 * VDD
0.2 * VDD
0.8 * VDD
1.0 * VDD
tf
tr
DMD_DEN_ARSTZ
LS_ WDATA
LS_CLK
tw(H)
tw(L)
tc
50%
50%
50%
50%
50%
th
tsu
twindow
DLP3010
www.ti.com
DLPS051A – SEPTEMBER 2014 – REVISED APRIL 2015
Low-speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in
JEDEC Standard No. 209B, Low Power Double Data Rate (LPDDR) JESD209B.
Figure 2. LPSDR Switching Parameters
Figure 3. LPSDR Input Rise and Fall Slew Rate
Figure 4. SubLVDS Input Rise and Fall Slew Rate
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLP3010


Similar Part No. - DLP3010FQK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3010FQK TI1-DLP3010FQK Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
More results

Similar Description - DLP3010FQK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP480RE TI1-DLP480RE_19 Datasheet
764Kb / 47P
[Old version datasheet]   0.48 WUXGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com