Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP3000FQB Datasheet(PDF) 9 Page - Texas Instruments

Part # DLP3000FQB
Description  짰 0.3 WVGA Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3000FQB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLP3000FQB Datasheet HTML 5Page - Texas Instruments DLP3000FQB Datasheet HTML 6Page - Texas Instruments DLP3000FQB Datasheet HTML 7Page - Texas Instruments DLP3000FQB Datasheet HTML 8Page - Texas Instruments DLP3000FQB Datasheet HTML 9Page - Texas Instruments DLP3000FQB Datasheet HTML 10Page - Texas Instruments DLP3000FQB Datasheet HTML 11Page - Texas Instruments DLP3000FQB Datasheet HTML 12Page - Texas Instruments DLP3000FQB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Micromirror Landed Duty Cycle
0/100 5/95 10/90 15/85 20/80 25/75 30/70 35/65 40/60 45/55
30
40
50
60
70
80
D001
50/50
100/0
95/5
90/10
85/15
80/20
75/25
70/30
65/35
60/40
55/45
DLP3000
www.ti.com
DLPS022B – JANUARY 2012 – REVISED MARCH 2015
Figure 1. Max Recommended Array Temperature – Derating Curve
6.5 Thermal Information
THERMAL METRIC(1)
MIN
NOM
MAX
UNIT
Thermal resistance from active micromirror array to TC3
5
°C/W
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Recommended Operating Conditions. The total heat load on the
DMD is largely driven by the incident light absorbed by the active area; although other contributions include light energy absorbed by the
window aperture and electrical power dissipation of the array. Optical systems should be designed to minimize the light energy falling
outside the window clear aperture since any additional thermal load in this area can significantly degrade the reliability of the device.
6.6 Electrical Characteristics
over the range of recommended supply voltage and recommended case operating temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage(1)
VCC = 2.375 V,
IOH = –20 mA
1.7
V
VOL
Low-level output voltage(1)
VCC = 2.625 V,
IOL = 15 mA
0.4
V
IOH
High-level output current
VOH = 1.7 V
–15
mA
IOL
Low-level output current
VOL = 0.4 V
14
mA
IIL
Low-level input current
VREF = 1.95 V,
VI = 0 V
–1.6
nA
IIH
High-level input current
VREF = 1.95 V,
VI = VREF
1.9
nA
IREF
Current into VREF pin
VREF = 1.95 V,
ƒDCLK = 77 MHz
0.7
mA
ICC
Current into VCC pin
VCC = 2.625 V,
ƒDCLK = 77 MHz
55
mA
IOFFSET
Current into VOFFSET pin
(2)
VOFFSET = 8.75 V
1
mA
IBIAS
Current into VBIAS pin
(2)
VBIAS = 17 V
1.6
mA
IRESET
Current into VRESET pin
(2)
VRESET = –11 V
1.5
mA
PREF
Power into VREF pin
(3)
VREF = 1.95 V,
ƒDCLK = 77 MHz
1.5
mW
PCC
Power into VCC pin
(3)
VCC = 2.625 V,
ƒDCLK = 77 MHz
144
mW
POFFSET Power into VOFFSET pin
(3)
VOFFSET = 8.75 V
9
mW
PBIAS
Power into VBIAS pin
(3)
VBIAS = 17 V
27.2
mW
PRESET
Power into VRESET pin
(3)
VRESET = –11 V
18
mW
CI
Input capacitance
ƒ = 1 MHz
10
pF
CO
Output capacitance
ƒ = 1 MHz
10
pF
(1)
Applies to LVCMOS pins only.
(2)
Exceeding the maximum allowable absolute voltage difference between VBIAS and VOFFSET may result in excessive current draw. See
the Micromirror Array Temperature Calculation for further details.
(3)
In some applications, the total DMD heat load can be dominated by the amount of incident light energy absorbed. See the Micromirror
Array Temperature Calculation for further details.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DLP3000


Similar Part No. - DLP3000FQB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3000FQB TI1-DLP3000FQB Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000FQB TI1-DLP3000FQB Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3000FQBDH TI1-DLP3000FQBDH Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
More results

Similar Description - DLP3000FQB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000 TI1-DLP3000_17 Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
DLP3034-Q1 TI1-DLP3034-Q1 Datasheet
760Kb / 39P
[Old version datasheet]   0.3 WVGA 405-nm DMD for Automotive Interior Display
DLP3020-Q1 TI-DLP3020-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   DLP3020-Q1 0.3-Inch WVGA DMD for Automotive Interior Display
FEBRUARY 2022
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
logo
OmniVision Technologies...
OV7850 OMNIVISION-OV7850 Datasheet
2Mb / 2P
   WVGA product brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com