Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TU425S18E Datasheet(PDF) 4 Page - SL Power Electronics

Part # TU425S18E
Description  425W Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TU425S18E Datasheet(HTML) 4 Page - SL Power Electronics

  TU425S18E Datasheet HTML 1Page - SL Power Electronics TU425S18E Datasheet HTML 2Page - SL Power Electronics TU425S18E Datasheet HTML 3Page - SL Power Electronics TU425S18E Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TU425
425W Single Output
Test and Measurement/Industrial Series
www.slpower.com
TU425 REV 2.8
29-MAY-15
4
Mechanical Drawing
Data Sheet © 2015 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02”.(±0.5).
3. FG is safety ground connection
4. Specifications are for convection rating at factory settings
at 115 Vac input 25 °C unless otherwise stated.
5. Warranty: 3 years.


Similar Part No. - TU425S18E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TU425S18E SLPOWER-TU425S18E Datasheet
390Kb / 4P
   425W Single Output
More results

Similar Description - TU425S18E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TU425S SLPOWER-TU425S Datasheet
390Kb / 4P
   425W Single Output
MU425S SLPOWER-MU425S Datasheet
639Kb / 3P
   425W Single Output
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com