Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE30A0503Q01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # TE30A0503Q01
Description  20W-30W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE30A0503Q01 Datasheet(HTML) 2 Page - SL Power Electronics

  TE30A0503Q01 Datasheet HTML 1Page - SL Power Electronics TE30A0503Q01 Datasheet HTML 2Page - SL Power Electronics TE30A0503Q01 Datasheet HTML 3Page - SL Power Electronics TE30A0503Q01 Datasheet HTML 4Page - SL Power Electronics TE30A0503Q01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TE30
20W-30W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE30 Rev 1.5
11-JAN-16
PRELIMINARY
2
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
Turn On Time
Less than 700mS @115Vac, full load
Input Current
115Vac: 1.2A, 230Vac: 0.6A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 40A
Overtemperature
Protection
Will shutdown upon an overtemperature
condition, auto-recovery.
Input Fuse
2.0A, 250Vac
Overload Protection
130 to 180% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
Meets US DoE Efficiency Level VI Average
efficiency levels
Overvoltage
Protection
Hiccup Mode. See model chart above for
trip ranges.
Output Power
20 to 30W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
4000Vac
Input-Ground:
1500Vac
Output-Ground: 1500Vac
No Load Input
Power
<0.1W per DoE Efficiency Level VI
Requirements
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition, Am 2
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +50°C
Start Up at -40°C, full load, (warmup period before
all parameters are within published specifications).
Output Voltage
See models chart on pg 1.
Temperature
Derating
See Derating Charts below.
Transient
Response
500
µs response time for return to within 0.5%
of final value for any 50% load step over the
range of 5% to 100% of rated load,
∆i/∆t<
0.2A/
µs. Max. voltage deviation is +/-3.5%.
Storage Temperature
-40°C to +85°C
Regulation
See models chart on pg 1.
Altitude
Operating: to 5000m.
Non-operating: -500 to 40,000 ft.
Drop Test
1.4m from table top to wooden platform, 4
faces.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis, 1-500Hz.
Non-Oper.: random waveform, 3 minutes per
axis, 3 axes and Sine waveform, Vib.
frequency/acceleration: 10-500Hz/1g, sweep
rate of 1 octave / minutes, Vibration time of 10
sweeps / axes, 3 axes
Shock
Operating: Half-sine, 20gpk, 10mS, 3 axes,
6 shocks total
Non-Operating: Half-sine waveform, impact
acceleration of 100G, Pulse duration of 6
mS, Number of shocks: 3 for each of the
three axis
Dimensions
See outline drawings
MTBF
>1,000,000 hours, full load, 110 & 220Vac
input, 25
°C amb., per Telcordia 332 Issue 6.
Weight
250g
E-Cap Life
>8 year life based on calculations at
115Vac/60Hz & 230Vac/50Hz, ambient 25°C
at 24 hrs per day, 365 days/year, 6 power up
cycles per day.
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - TE30A0503Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE30A0503Q01 SLPOWER-TE30A0503Q01 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
More results

Similar Description - TE30A0503Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME30 SLPOWER-ME30 Datasheet
696Kb / 4P
   20 to 30W Single Output External Power
ME30 SLPOWER-ME30_16 Datasheet
614Kb / 5P
   20 to 30W Single Output External Power
logo
TDK Electronics
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
   Single and Dual Output 20W to 30W DC-DC Converters
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com