Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB130S56K Datasheet(PDF) 2 Page - SL Power Electronics

Part # LB130S56K
Description  130W Single Output LED Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB130S56K Datasheet(HTML) 2 Page - SL Power Electronics

  LB130S56K Datasheet HTML 1Page - SL Power Electronics LB130S56K Datasheet HTML 2Page - SL Power Electronics LB130S56K Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LB130S
130W Single Output LED Supply
www.slpower.com
LB130S56K REV 1.9 15-APRIL-14
Output Power
Maximum of 130 Watts conduction at
70°C
200 Watts of peak for minimum of 60
Sec @ 50°C
Switching
Frequency
PFC: Fixed, 65kHz
Main Converter: Variable 35-200kHz, 65-
70kHz at full load
Transient
Response
500µS typical, return to 0.5% of nominal,
i/∆t: <0.2A/µS. Max Voltage Deviation
= 3%
Test Conditions:
a)5% to 50% load change
b)50% to 100% load change
c)100% to 50%
d)50% to 5%
Isolation
Input-Output:
3,000Vac
Input-Ground:
1,800Vac
Output-Ground: 1,500Vac
Ripple and
Noise
0.5%rms, 1% pk-pk, see chart.
Operating
Temperature
Conduction Cooled: -10°C to +70°C Full
Load
Convection Cooled: -10°C to +50°C Full
Load, 110 Watts @ 60°C, 90 Watts @70C
Start Up at -40°C
Output Voltage
56V
Heat-Sink
Temperature
To maintain Safety approval & life
expectancy, heat-sink temperature should
not exceed 85°C
Voltage
Adjustability
Fixed Output
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -457 to 3000 m
Non-operating: -457 to 12,192m.
Total Regulation
+/- 3% combined line, load and initial
setting.
Relative
Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g²/Hz, 1.5grms overall,
3 axes, 10 min/axis
Non-Operating: 0.026g²/Hz, 5.0grms
overall, 3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes,
6 shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms,
3axes, 6 shocks total
Dimensions
W: 3.0” x L: 5.0” x H: 1.3”
Safety
Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition
Weight
380g
Life
50,000 Hrs at 70°C, 130 Watts of output,
115Vac or 230Vac input Voltage
The specification above is based on 25°C ambient
.


Similar Part No. - LB130S56K

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB130Z SEOUL-LB130Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LB130S56K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LB240S SLPOWER-LB240S Datasheet
280Kb / 4P
   240W Single Output LED Supply
logo
DENSEI-LAMBDA
ZWQ80 LAMBDA-ZWQ80 Datasheet
140Kb / 2P
   Quad output 80W ~ 130W
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
   25W Single Output LED Power Supply
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
   150W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com