Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4713-B30 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4713-B30
Description  FM RADIO TRANSMITTER WITH RECEIVE POWER SCAN
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713-B30 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4713-B30 Datasheet HTML 6Page - Silicon Laboratories SI4713-B30 Datasheet HTML 7Page - Silicon Laboratories SI4713-B30 Datasheet HTML 8Page - Silicon Laboratories SI4713-B30 Datasheet HTML 9Page - Silicon Laboratories SI4713-B30 Datasheet HTML 10Page - Silicon Laboratories SI4713-B30 Datasheet HTML 11Page - Silicon Laboratories SI4713-B30 Datasheet HTML 12Page - Silicon Laboratories SI4713-B30 Datasheet HTML 13Page - Silicon Laboratories SI4713-B30 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Si4712/13-B30
10
Rev. 1.1
Figure 6. SPI Control Interface Write Timing Parameters
Figure 7. SPI Control Interface Read Timing Parameters
Table 7. SPI Control Interface Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fCLK
0—
2.5
MHz
SCLK High Time
tHIGH
25
ns
SCLK Low Time
tLOW
25
ns
SDIO Input, SEN to SCLK
Setup
tS
15
ns
SDIO Input to SCLK
Hold
tHSDIO
10
ns
SEN Input to SCLK
Hold
tHSEN
5—
ns
SCLK
to SDIO Output Valid
tCDV
Read
2
25
ns
SCLK
to SDIO Output High Z
tCDZ
Read
2
25
ns
SCLK, SEN, SDIO, Rise/Fall time
tR, tF
10
ns
Note: When selecting SPI mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
SCLK
70%
30%
SEN
70%
30%
SDIO
C7
C0
70%
30%
tS
C6–C1
Control Byte In
8 Data Bytes In
D7
D6–D1
D0
tS
tHSDIO
tHIGH
tLOW
tHSEN
tF
tR
Bus
Turnaround
SCLK
70%
30%
SEN
70%
30%
SDIO 70%
30%
tHSDIO
Control Byte In
C7
C0
C6–C1
tS
tHSEN
tS
tCDZ
tCDV
16 Data Bytes Out
(SDIO or GPO1)
D7
D6–D1
D0


Similar Part No. - SI4713-B30

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4713 SILABS-SI4713 Datasheet
1Mb / 14P
   RECEIVE POWER SCAN PRIMER
SI4713 SILABS-SI4713 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4713 SILABS-SI4713 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4713 SILABS-SI4713 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4713 SILABS-SI4713 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
More results

Similar Description - SI4713-B30

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
Silicon Laboratories
AN307 SILABS-AN307 Datasheet
1Mb / 14P
   RECEIVE POWER SCAN PRIMER
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4710-B30 SILABS-SI4710-B30 Datasheet
1Mb / 40P
   Si4710/11-B30 FM RADIO TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com