Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACTQ16540 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACTQ16540
Description  16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

54ACTQ16540 Datasheet(HTML) 1 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACTQ16540
16-Bit Inverting Buffer/Line Driver
with TRI-STATE® Outputs
General Description
The ’ACTQ16540 contains sixteen inverting buffers with
TRI-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus-oriented transmitter/
receiver. The device is byte controlled. Each byte has sepa-
rate TRI-STATE control inputs which can be shorted together
for full 16-bit operation.
The ’ACTQ16540 utilizes NSC Quiet Series technology to
guarantee quiet output switching and improved dynamic
threshold performance. FACT Quiet Series® features GTO®
output control for superior performance.
Features
n Utilizes NSC FACT Quiet Series technology
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Separate control logic for each byte
n 16-bit version of the ’ACTQ540
n Outputs source/sink 24 mA
n Additional specs for multiple output switching
Logic Symbol
Pin Description
Pin
Description
Names
OE
n
Output Enable Input (Active Low)
I
0–I15
Inputs
O
0–O15
Outputs
Connection Diagram
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACTand FACT Quiet Seriesare trademarks of Fairchild Semiconductor Corporation.
DS010927-1
Pin Assignment
for CERPAK
DS010927-2
September 1998
© 1998 National Semiconductor Corporation
DS010927
www.national.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn