Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4706-C31 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4706-C31
Description  HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4706-C31 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4706-C31 Datasheet HTML 1Page - Silicon Laboratories SI4706-C31 Datasheet HTML 2Page - Silicon Laboratories SI4706-C31 Datasheet HTML 3Page - Silicon Laboratories SI4706-C31 Datasheet HTML 4Page - Silicon Laboratories SI4706-C31 Datasheet HTML 5Page - Silicon Laboratories SI4706-C31 Datasheet HTML 6Page - Silicon Laboratories SI4706-C31 Datasheet HTML 7Page - Silicon Laboratories SI4706-C31 Datasheet HTML 8Page - Silicon Laboratories SI4706-C31 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Si4706-C31
Rev. 1.0
5
Table 3. DC Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Receiver to Line Output
VDD Supply Current
IFM
Analog Output Mode
21.4
24
mA
Supplies and Interface
Interface Supply Current
IIO
—400
600
µA
VDD Powerdown Current
IDDPD
—10
20
µA
VIO Powerdown Current
IIOPD
SCLK, RCLK inactive
1
10
µA
High Level Input Voltage1
VIH
0.7 x VIO
—VIO +0.3
V
Low Level Input Voltage1
VIL
–0.3
0.3 x VIO
V
High Level Input Current1
IIH
VIN =VIO =3.6 V
–10
10
µA
Low Level Input Current1
IIL
VIN =0V,
VIO =3.6 V
–10
10
µA
High Level Output Voltage2
VOH
IOUT =500 µA
0.8x VIO
——
V
Low Level Output Voltage2
VOL
IOUT = –500 µA
0.2 x VIO
V
Notes:
1. For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, GPO1, GPO2, and GPO3.
2. For output pins SDIO, DOUT, GPO1, GPO2, and GPO3.


Similar Part No. - SI4706-C31

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4706-D50 SILABS-SI4706-D50 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
SI4706-D50-GM SKYWORKS-SI4706-D50-GM Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
SI4706-GM SKYWORKS-SI4706-GM Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
More results

Similar Description - SI4706-C31

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4706-D50 SILABS-SI4706-D50 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
logo
Silicon Laboratories
SI4706 SILABS-SI4706 Datasheet
1Mb / 3P
   High-Performance FM RDS/RBDS Data Receiver
SI4704-D60 SILABS-SI4704-D60 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
SI4704-D60-GUR SILABS-SI4704-D60-GUR Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4622-A10 SILABS-SI4622-A10 Datasheet
46Kb / 2P
   High-Performance, Single-Chip FM HD-Radio/RDS/RBDS
SI4624-A10 SILABS-SI4624-A10 Datasheet
982Kb / 3P
   High-Performance, Single-Chip FM/DAB/DAB/RDS/RBDS
logo
List of Unclassifed Man...
SI4706 ETC2-SI4706 Datasheet
817Kb / 15P
   Introducing High-Performance FM RDS Data Receiver ICs
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com