Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR-5F-1A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SR-5F-1A
Description  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SR-5F-1A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SR-5F-1A Datasheet HTML 1Page - List of Unclassifed Manufacturers SR-5F-1A Datasheet HTML 2Page - List of Unclassifed Manufacturers SR-5F-1A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0709
BU-SB07219
Page 2 of 3
Data Sheet 4073
*Conducting path min. 0.2mm
2.
**Interrupting ratings measured at 50A, 95%-100% of PF on AC.
***Typical DC Cold Resistance measured at <10% of rated current.
†Typical Melting I
2t measured at 10In.
‡ Maximum Voltage Drop measured at 20°C ambient temperature at rated current.
†††Maximum Power Dissipation measured at 20°C ambient temperature at rated current.
Specifications
Voltage
Interrupting Rating
Maximum Power
Catalog
Rating
(amps) @ Rated
Typical DC Cold
Typical Melting I2tMaximum Voltage
Dissipation @
Agency Approvals
Number
(Vac)
Voltage (50Hz)**
Resistance (
W)***
(A2S)
Drop@1In (mV)
1In(mW)†††
cULus
PSE
SR-5F-800mA
250
50
0.245
1.5
400
320
X
SR-5F-1A
250
50
0.171
2.6
400
400
X
X
SR-5F-1.25A
250
50
0.116
4.4
330
413
X
X
SR-5F-1.6A
250
50
0.076
6.9
330
528
X
X
SR-5F-2A
250
50
0.058
9
330
660
X
X
SR-5F-2.5A
250
50
0.049
15
330
825
X
X
SR-5F-3.15A
250
50
0.037
23.2
330
1040
X
X
SR-5F-4A
250
50
0.026
35.4
330
1320
X
X
*SR-5F-5A
250
50
0.018
55
250
1250
X
X
*SR-5F-6.3A
125
50
0.015
75
250
1575
X
X
*SR-5F-7A
125
50
0.011
107
250
1750
X
X
*SR-5F-8A
125
50
0.010
120
200
1600
X
X
*SR-5F-10A
125
50
0.007
145
200
2000
X
X


Similar Part No. - SR-5F-1A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SR-5F-1A EATON-SR-5F-1A Datasheet
738Kb / 2P
   Subminiature fastacting fuses
More results

Similar Description - SR-5F-1A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com