Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR-5-40mA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SR-5-40mA
Description  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SR-5-40mA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SR-5-40mA Datasheet HTML 1Page - List of Unclassifed Manufacturers SR-5-40mA Datasheet HTML 2Page - List of Unclassifed Manufacturers SR-5-40mA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0709
BU-SB09254
Page 2 of 3
Data Sheet 4347
S
Sp
pe
ec
ciiffiic
ca
attiio
on
ns
s
Voltage
Interrupting
Typical
Voltage Drop
Part
Rating
Rating (amps)
Typical DC Cold
Melting**
mV @ 20°C
Agency Approvals
Number
AC
@ Rated Voltage
Resistance (
Ω)I2t (@1mS)
Rated Current
VDE
SEMKO cURus
CCC EK-Mark PSE
SR-5-40mA
250
35
11.5
0.001988
524
x
x
x
x
x
SR-5-50mA
250
35
8
0.003664
462
x
x
x
x
x
SR-5-63mA
250
35
5.36
0.006979
383.5
x
x
x
x
x
SR-5-80mA
250
35
3.43
0.010814
331
x
x
x
x
x
SR-5-100mA
250
35
2.37
0.015155
288.5
x
x
x
x
x
SR-5-125mA
250
35
1.6
0.026783
238
x
x
x
x
x
SR-5-160mA
250
35
1.02
0.039097
196.5
x
x
x
x
x
SR-5-200mA
250
35
0.94
0.168832
215.5
x
x
x
x
x
SR-5-250mA
250
35
0.66
0.24778
185
x
x
x
x
x
SR-5-315mA
250
35
0.43
0.2772
152
x
x
x
x
x
SR-5-400mA
250
35
0.285
0.771618
127
x
x
x
x
x
SR-5-500mA
250
35
0.242
2
143.5
x
x
x
x
x
SR-5-630mA
250
35
0.154
3.5
113
x
x
x
x
x
SR-5-800mA
250
35
0.112
6.5
104.5
x
x
x
x
x
SR-5-1A
250
35
0.085
7.5
100
x
x
x
x
x
x
SR-5-1.25A
250
35
0.061
13
91
x
x
x
x
x
x
SR-5-1.6A
250
35
0.043
24
102
x
x
x
x
x
x
SR-5-2A
250
35
0.031
30
74.5
x
x
x
x
x
x
SR-5-2.5A
250
35
0.024
45
72.5
x
x
x
x
x
x
SR-5-3.15A
250
35
0.018
57
70.25
x
x
x
x
x
x
SR-5-4A
250
40
0.012
80
62
x
x
x
x
x
x
*SR-5-5A
250
50
0.010
95.4
57.5
x
x
x
CQC
x
x
*SR-5-6.3A
250
63
0.008
200
60.85
x
x
x
CQC
x
x
*Conducting Path min. 0.2mm
2
**I
2t value for 40mA to 400mA is measured at 100ln. I2t value for 500mA to 6.3A is measured at 10In.


Similar Part No. - SR-5-40mA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SR-5-400mA COOPER-SR-5-400mA Datasheet
421Kb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5-400MA COOPER-SR-5-400MA Datasheet
1Mb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
logo
Eaton All Rights Reserv...
SR-5-400mA EATON-SR-5-400mA Datasheet
739Kb / 2P
   Subminiature time-delay fuses
More results

Similar Description - SR-5-40mA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com