Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6954 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6954
Description  Low Phase Noise, Triple Output Clock Distribution Divider/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6954 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6954 Datasheet HTML 2Page - Linear Technology LTC6954 Datasheet HTML 3Page - Linear Technology LTC6954 Datasheet HTML 4Page - Linear Technology LTC6954 Datasheet HTML 5Page - Linear Technology LTC6954 Datasheet HTML 6Page - Linear Technology LTC6954 Datasheet HTML 7Page - Linear Technology LTC6954 Datasheet HTML 8Page - Linear Technology LTC6954 Datasheet HTML 9Page - Linear Technology LTC6954 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc1954af
DEMO MANUAL DC1954A
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC1954A-B Required Circuit Components
1
1
GENERAL BOM
2
0
R1, R6
RES., CHIP, 0402
OPT
3
1
R11
RES., CHIP, 100Ω 1/16W, 5%, 0402
NIC, NRC04J101TRF
4
4
Z1-Z4
CAP., X7R, 0.1µF 16V, 10%, 0402
AVX, 0402YC104KAT2A
5
2
Z5, Z6
RES., CHIP, 0Ω, 0402
NIC, NRC04Z0TRF
6
1
U1
I.C., QFN36UFF-4X7
LINEAR TECH., LTC6954IUFF-2#PBF
DC1954A-C Required Circuit Components
1
1
GENERAL BOM
2
0
R1
RES., CHIP, 0402
OPT
3
2
R6, R11
RES., CHIP, 100Ω 1/16W, 5%, 0402
NIC, NRC04J101TRF
4
2
Z1-Z2
CAP., X7R, 0.1µF 16V, 10%, 0402
AVX, 0402YC104KAT2A
5
4
Z3, Z4, Z5, Z6
RES., CHIP, 0Ω, 0402
NIC, NRC04Z0TRF
6
1
U1
I.C., QFN36UFF-4X7
LINEAR TECH., LTC6954IUFF-3#PBF
DC1954A-D Required Circuit Components
1
1
GENERAL BOM
2
3
R1, R6, R11
RES., CHIP, 100Ω 1/16W, 5%, 0402
NIC, NRC04J101TRF
3
6
Z1, Z2, Z3, Z4, Z5, Z6
RES., CHIP, 0Ω, 0402
NIC, NRC04Z0TRF
4
1
U1
I.C., QFN36UFF-4X7
LINEAR TECH., LTC6954IUFF-4#PBF
parts list


Similar Part No. - LTC6954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695 LINER-LTC695 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
More results

Similar Description - LTC6954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6950 LINER-LTC6950 Datasheet
1Mb / 12P
   1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
Pericom Semiconductor C...
PI6C2510-133 PERICOM-PI6C2510-133 Datasheet
141Kb / 5P
   Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2509-133 PERICOM-PI6C2509-133 Datasheet
277Kb / 4P
   Low-Noise Phase-Locked Loop Clock Driver with 9 Clock Outputs
PI6C2510-133E PERICOM-PI6C2510-133E Datasheet
331Kb / 4P
   Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
logo
Silicon Laboratories
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380 Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com