Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
54ACTQ16245 Datasheet(PDF) 5 Page - National Semiconductor (TI)
[Old version datasheet]
Texas Instruments acquired National semiconductor.
Part No.
54ACTQ16245
Description
16-Bit
Transceiver
with
TRI-STATE
Outputs
Download
6 Pages
Scroll/Zoom
100%
Maker
NSC [National Semiconductor (TI)]
Homepage
http://www.national.com
Logo
54ACTQ16245 Datasheet(HTML) 5 Page - National Semiconductor (TI)
zoom in
zoom out
5
/ 6 page
5
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
SCAN16512
Low
Voltage
Universal
16-bit
IEEE
1149.1
Bus
Transceiver
with
TRI-STATE
Outputs
1
2
3
4
5
More
National Semiconductor (TI)
74ABT16952
16-Bit
Registered
Transceiver
with
TRI-STATE
Outputs
1
2
3
4
5
More
National Semiconductor (TI)
54ACTQ16646
16-Bit
Transceiver/Register
with
TRI-STATE
Outputs
1
2
3
4
5
More
National Semiconductor (TI)
74FR16245
16-Bit
Transceiver
with
TRI-STATE
Outputs
1
2
3
4
5
More
National Semiconductor (TI)
54ABT16245
16-Bit
Transceiver
with
TRI-STATE
Outputs
1
2
3
4
5
More
National Semiconductor (TI)
54ABT16373
16-Bit
Transparent
Latch
with
TRI-STATE
Outputs
1
2
3
4
5
More
National Semiconductor (TI)
74ACTQ16543
16-Bit
Registered
Transceiver
with
3-STATE
Outputs
1
2
3
4
5
More
Fairchild Semiconductor
IDT74ALVC162245
3.3V
CMOS
16-BIT
BUS
TRANSCEIVER
WITH
3-STATE
OUTPUTS
1
2
3
4
5
More
Integrated Device Technology
IDT74ALVCH16952
3.3V
CMOS
16-BIT
REGISTERED
TRANSCEIVER
WITH
3-STATE
OUTPUTS
AND
BUS-HOLD
1
2
3
4
5
More
Integrated Device Technology
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn