Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

54ACTQ16245 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACTQ16245
Description  16-Bit Transceiver with TRI-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

54ACTQ16245 Datasheet(HTML) 4 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC Electrical Characteristics for ’ACTQ Family Devices (Continued)
Note 4: Maximum number of outputs that can switch simultaneously is n. (n − 1) outputs are switched LOW and one output held LOW.
Note 5: Maximum number of outputs that can switch simultaneously is n. (n − 1) outputs are switched HIGH and one output held HIGH.
Note 6: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
AC Electrical Characteristics
Symbol
Parameter
V
CC
(V)
(Note 7)
54ACTQ
Units
T
A =
−55˚C to +125˚C
C
L = 50 pF
Min
Max
t
PLH,
Propagation
5.0
2.0
9.5
t
PHL
Delay A
n,Bn
2.0
9.5
ns
to B
n,An
t
PZH,
Output Enable
5.0
2.5
11.0
ns
t
PZL
Time
2.5
13.0
t
PHZ,
Output Disable
5.0
1.5
9.5
ns
t
PLZ
Time
1.5
9.5
Note 7: Voltage Range 5.0 is 5.0V ±0.5V.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Pin Capacitance
4.5
pF
V
CC = 5.0V
C
PD
Power Dissipation
95
pF
V
CC = 5.0V
www.national.com
4


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn