Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMH250PS24 Datasheet(PDF) 7 Page - XP Power Limited

Part # CMH250PS24
Description  250 W Convection-cooled
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMH250PS24 Datasheet(HTML) 7 Page - XP Power Limited

  CMH250PS24 Datasheet HTML 1Page - XP Power Limited CMH250PS24 Datasheet HTML 2Page - XP Power Limited CMH250PS24 Datasheet HTML 3Page - XP Power Limited CMH250PS24 Datasheet HTML 4Page - XP Power Limited CMH250PS24 Datasheet HTML 5Page - XP Power Limited CMH250PS24 Datasheet HTML 6Page - XP Power Limited CMH250PS24 Datasheet HTML 7Page - XP Power Limited CMH250PS24 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CMH250 Series
www.xppower.com
AC-DC Power Supplies
7
Mechanical Details
1. Dimensions shown in inches (mm).
Notes
CMH250PSxx-C (Covered)
CMH250PSxx-01C,-50C (Covered Standby Option)
L
N
E
+VE CON2
OUTPUT TERMINALS
M4 SCREW IN 2 POSITIONS
TORQUE TO 8 LBS-IN
(90 cNm) MAX.
-VE CON3
M3 MOUNTING HOLES IN 4 POSITIONS.
MAX PENETRATION 2.5mm
7.39 ±0.02 (187.8 ±0.5)
4.06 ±0.02
(103.1 ±0.5)
1.92 ±0.02
(48.9 ±0.5)
1.11 (28.1)
1.01 (25.7)
0.83 (21.1)
0.59 (15.1)
0.94 (23.9)
5.20 (132.1)
1.06 (26.9)
2.00 (50.8)
L
N
E
A
MATING HALF - p/n JST PHDR-12VS
CONTACT - 26-22 AWG p/n JST SPHD-001T-P0.5
SIGNALS CONNECTOR
DETAIL A
PIN 11.
PIN 12.
PIN 2.
PIN 1.
+VE CON2
OUTPUT TERMINALS
M4 SCREW IN 2 POSITIONS
TORQUE TO 8 LBS-IN
(90 cNm) MAX.
-VE CON3
M3 MOUNTING HOLES IN 4 POSITIONS.
MAX PENETRATION 2.5mm
7.39 ±0.02 (187.8 ±0.5)
4.12 ±0.02
(104.6 ±0.5)
1.92 ±0.02
(48.9 ±0.5)
1.05 (26.6)
1.01 (25.7)
0.83 (21.1)
0.59 (15.1)
0.94 (23.9)
5.20 (132.1)
1.06 (26.9)
2.00 (50.8)
Input Connector CON1
Pin
Function
1
Line
2
Neutral
3
Earth
Output Connector
CON2
+V1
CON3
-V1
Signals Connector CON5
1
-VE Standby V3
2
-VE Standby V3
3
+VE Standby V3
4
+VE Standby V3
5
+VE Aux V2
6
-VE Aux V2
7
+VE Sense
8
- VE Sense
9
Current Share
10
Inhibit
11
Power Fail
12
N/C


Similar Part No. - CMH250PS24

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CMH2012GM121N2E SAMWHA-CMH2012GM121N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM181N2E SAMWHA-CMH2012GM181N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM221N2E SAMWHA-CMH2012GM221N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM700N2E SAMWHA-CMH2012GM700N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM900N2E SAMWHA-CMH2012GM900N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
More results

Similar Description - CMH250PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com