Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCB250PS36 Datasheet(PDF) 8 Page - XP Power Limited

Part # CCB250PS36
Description  250 W Convection Cooled
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCB250PS36 Datasheet(HTML) 8 Page - XP Power Limited

Back Button CCB250PS36 Datasheet HTML 4Page - XP Power Limited CCB250PS36 Datasheet HTML 5Page - XP Power Limited CCB250PS36 Datasheet HTML 6Page - XP Power Limited CCB250PS36 Datasheet HTML 7Page - XP Power Limited CCB250PS36 Datasheet HTML 8Page - XP Power Limited CCB250PS36 Datasheet HTML 9Page - XP Power Limited CCB250PS36 Datasheet HTML 10Page - XP Power Limited CCB250PS36 Datasheet HTML 11Page - XP Power Limited CCB250PS36 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20 (-40)
+70
°C
Derate linearly from +50 °C at 2.5%/°C
to 50% at 70 °C. See fig.18 & Thermal
Considerations, p.11. (-40 °C consult sales)
Warm up Temperature
20
Minutes
Storage Temperature
-40
+85
°C
Cooling
Convection cooled.
See fig.18 & Thermal Considerations, p.11.
Humidity
5
95
%RH
Non-condensing
Operating Altitude
3000
m
Shock
3 x 30 g/11 ms shocks in both +ve & -ve
directions along the 3 orthogonal axis,
total 18 shocks.
Vibration
Single axis 10-500 Hz at 2 g x 10 sweeps
xppower.com
Xxxxxxxxxx
8
Inhibit Hi
Pin 10 CON 1
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 9
CON 1
5 V Standby
Pin 2, 4 & 6 CON 1
Logic GND
Pins 1, 3 & 5 CON 1
1K
5 mA
Inhibit Hi
Pin 10
CON 1
POWER SUPPLY
1K
Pins 1, 3 & 5, CON 1
Inhibit Lo
Pin 9
CON 1
5 V Standby
Pin 2, 4 & 6, CON 1
Logic GND
1K
5 mA
Signal Connector
Figure 16
Enable (Hi)
Figure 17
Enable (Lo)
Remote On/Off (Inhibit/Enable)
Xxxxxxxxxx
Signals
Notes
1. At AC switch on the output (VI) may momentarily rise when the unit is disabled using the 5 V standby in conjunction with the Remote On/Off function.


Similar Part No. - CCB250PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB250PS36 XPPOWER-CCB250PS36 Datasheet
1Mb / 5P
   Very Low Heat Loss
More results

Similar Description - CCB250PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com