Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4704-D50 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4704-D50
Description  BROADCAST FM RADIO RECEIVER FOR CONSUMER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4704-D50 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4704-D50 Datasheet HTML 6Page - Silicon Laboratories SI4704-D50 Datasheet HTML 7Page - Silicon Laboratories SI4704-D50 Datasheet HTML 8Page - Silicon Laboratories SI4704-D50 Datasheet HTML 9Page - Silicon Laboratories SI4704-D50 Datasheet HTML 10Page - Silicon Laboratories SI4704-D50 Datasheet HTML 11Page - Silicon Laboratories SI4704-D50 Datasheet HTML 12Page - Silicon Laboratories SI4704-D50 Datasheet HTML 13Page - Silicon Laboratories SI4704-D50 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Si4704/05-D50
10
Rev. 1.0
Figure 6. Digital Audio Interface Timing Parameters, I2S Mode
Table 7. Digital Audio Interface Characteristics
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DCLK Cycle Time
tDCT
26
1000
ns
DCLK Pulse Width High
tDCH
10
ns
DCLK Pulse Width Low
tDCL
10
ns
DFS Setup Time to DCLK Rising Edge
tSU:DFS
5—
ns
DFS Hold Time from DCLK Rising Edge
tHD:DFS
5—
ns
DOUT Propagation Delay from DCLK Falling
Edge
tPD:DOUT
0—
12
ns
DCLK
DFS
tDCT
tPD:OUT
tSU:DFS
tHD:DFS
DOUT
tDCH
tDCL


Similar Part No. - SI4704-D50

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
SI4704-D50-GM SKYWORKS-SI4704-D50-GM Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results

Similar Description - SI4704-D50

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com