Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCB200PS28 Datasheet(PDF) 5 Page - XP Power Limited

Part # CCB200PS28
Description  Very Long Capacitor Lifetime
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCB200PS28 Datasheet(HTML) 5 Page - XP Power Limited

  CCB200PS28 Datasheet HTML 1Page - XP Power Limited CCB200PS28 Datasheet HTML 2Page - XP Power Limited CCB200PS28 Datasheet HTML 3Page - XP Power Limited CCB200PS28 Datasheet HTML 4Page - XP Power Limited CCB200PS28 Datasheet HTML 5Page - XP Power Limited CCB200PS28 Datasheet HTML 6Page - XP Power Limited CCB200PS28 Datasheet HTML 7Page - XP Power Limited CCB200PS28 Datasheet HTML 8Page - XP Power Limited CCB200PS28 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
xppower.com
5
Signals
Power Fail
Figure 5
Pin 2 CON 4
Power Fail
Collector
Power Fail
Emitter
Pin 1 CON 4
POWER SUPPLY
Transistor On: Input & Output Not OK
Transistor Off: Input & Output OK
Signal Connector
8V Max 3 mA
Characteristic
Notes & Conditions
Signals
Power Fail
Uncomitted opto isolated transistor, normally off when AC is good (see fig.5)
Provides
5 - 15ms warning of loss of output from AC failure
Remote On/Off (Inhibit/Enable)
Uncommited isolated optocoupler diode, powered diode inhibits the supply (see fig.6 &7)
5 V Standby (Optional -A)
5 V/0.5 A Supply, always present when AC applied
Remote On/Off (Inhibit/Enable)
Inhibit Hi
Pin 4 CON 4
POWER SUPPLY
Signal Connector
Inhibit Lo
Pin 3 CON 4
5 mA 8 V Max
5 V
VI RTN
Pin 7 CON 4
Figure 6
Inhibit (Hi)
Figure 7
Inhibit (Lo)
8 V Max
Inhibit Hi
Pin 4
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 3 CON 4
5 mA
P
CON 4
5 V
VI RTN
Pin 7 CON 4


Similar Part No. - CCB200PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB200PS28 XPPOWER-CCB200PS28 Datasheet
1Mb / 5P
   Very Low Heat Loss
More results

Similar Description - CCB200PS28

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW44LS3C1A OPTOSUPPLY-OSW44LS3C1A Datasheet
109Kb / 1P
   Long Lifetime Operation
logo
Inventronics Inc.
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
   96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVL INVENTRONICS-EUD-096SXXXDVL Datasheet
695Kb / 13P
   96W Programmable Driver with Ultra Long Lifetime
Rev.B
EUD-150SXXXDVL INVENTRONICS-EUD-150SXXXDVL Datasheet
765Kb / 13P
   150W Programmable Driver with Ultra Long Lifetime
Rev. C
logo
OptoSupply Internationa...
OSOOJ23131A OPTOSUPPLY-OSOOJ23131A Datasheet
109Kb / 1P
   3mm Round Orange & Orange LED Long Lifetime Operation
logo
Inventronics Inc.
EUD-240SXXXDTL INVENTRONICS-EUD-240SXXXDTL Datasheet
895Kb / 14P
   240W Pr ogrammable Driver with Ultra Long Lifetime
Rev. B
logo
OptoSupply Internationa...
OSM5XAHBE1E OPTOSUPPLY-OSM5XAHBE1E Datasheet
502Kb / 2P
   Tops 25 Power Warm White LED Long lifetime operation
logo
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
788Kb / 3P
   Very Long Life, Low ESR
3198 CDE-3198_17 Datasheet
2Mb / 3P
   Very Long Life, Low ESR
logo
OptoSupply Internationa...
OSM5XAHEE1E OPTOSUPPLY-OSM5XAHEE1E Datasheet
530Kb / 2P
   Tops 200 (300) Power Warm White LED Long lifetime operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com