Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSPU46-106 Datasheet(PDF) 2 Page - Total Power International

Part # TPSPU46-106
Description  50W Desk Top Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSPU46-106 Datasheet(HTML) 2 Page - Total Power International

  TPSPU46-106 Datasheet HTML 1Page - Total Power International TPSPU46-106 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:535~560gsapprox.
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~50VDC
8.00 A Max
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
TPSPU46-102
TPSPU46-103
TPSPU46-104
TPSPU46-105
TPSPU46-106
TPSPU46-107
TPSPU46-108
TPSPU46-109
TPSPU46-110
TPSPU46-111
5~5.99VDC
7.50~5.62 A
5.62~4.09 A
4.09~3.46 A
3.46~2.81 A
3.12~2.38 A
2.38~1.85 A
1.85~1.51 A
1.51~1.25 A
1.25~1.00 A
5%
5%
5%
5%
5%
5%
5%
4%
4%
3%
40W
45W
45W
45W
45W
50W
50W
50W
50W
50W
TPSPU46-105isrequiredto use AWG#18/3C+ AWG#20 /2C/4FT outputcable.
TPSPU46-111isrequiredtouse AWG#18/2C/4FT output cable.
The regulationandefficiencywillbe changedbymodifiedoutputcable.
TPSPU46 SERIES
50WDeskTopType
I.T.E.PowerSupplies
Derating C
urve :
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat40°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPSPU46-106

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU41A TOTAL-POWER-TPSPU41A Datasheet
307Kb / 2P
   40W Desk Top Type
TPSPU41A-102 TOTAL-POWER-TPSPU41A-102 Datasheet
307Kb / 2P
   40W Desk Top Type
TPSPU41A-103 TOTAL-POWER-TPSPU41A-103 Datasheet
307Kb / 2P
   40W Desk Top Type
TPSPU41A-104 TOTAL-POWER-TPSPU41A-104 Datasheet
307Kb / 2P
   40W Desk Top Type
TPSPU41A-105 TOTAL-POWER-TPSPU41A-105 Datasheet
307Kb / 2P
   40W Desk Top Type
More results

Similar Description - TPSPU46-106

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
SPU45E-100 VOLGEN-SPU45E-100 Datasheet
350Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU25A TOTAL-POWER-TPSPU25A Datasheet
349Kb / 2P
   25W Desk Top Type I.T.E. Power Supplies
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU63 TOTAL-POWER-TPSPU63 Datasheet
227Kb / 2P
   63W Desk Top Type I.T.E. Power Supplies
TPSPU100 TOTAL-POWER-TPSPU100 Datasheet
272Kb / 2P
   100W Desk Top Type I.T.E. Power Supplies
TPSPU150 TOTAL-POWER-TPSPU150 Datasheet
345Kb / 2P
   150W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com