Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2494 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI2494
Description  V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2494 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI2494 Datasheet HTML 2Page - Silicon Laboratories SI2494 Datasheet HTML 3Page - Silicon Laboratories SI2494 Datasheet HTML 4Page - Silicon Laboratories SI2494 Datasheet HTML 5Page - Silicon Laboratories SI2494 Datasheet HTML 6Page - Silicon Laboratories SI2494 Datasheet HTML 7Page - Silicon Laboratories SI2494 Datasheet HTML 8Page - Silicon Laboratories SI2494 Datasheet HTML 9Page - Silicon Laboratories SI2494 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Si2494/39
6
Rev. 1.0
Table 3. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-grade, Fs = 8 kHz, TA = –40 to 85 °C for G-grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
kHz
Clock Input Frequency
FXTL
default
4.9152
MHz
Clock Input Frequency
FXTL
27 MHz Mode1
—27—
MHz
Clock Input Frequency
FXTL
32 kHz Mode1
32.768
kHz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
5
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
200
Hz
Transmit Full Scale Level2
VFS
—1.1
VPEAK
Receive Full Scale Level2,3
VFS
—1.1
VPEAK
Dynamic Range4
DR
ILIM = 0, DCV = 11, MINI = 00
DCR = 0, IL = 100 mA
—80—
dB
Dynamic Range4
DR
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—80—
dB
Dynamic Range4
DR
ILIM = 1, DCV = 11, MINI = 00
DCR = 0, IL =50mA
—80—
dB
Transmit Total Harmonic
Distortion5
THD
ILIM = 0, DCV = 11, MINI = 00
DCR = 0, IL = 100 mA
—–72
dB
Transmit Total Harmonic
Distortion5
THD
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion5
THD
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion5
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
dB
Dynamic Range (Caller ID Mode)
DRCID
VIN = 1 kHz, –13 dBm
50
dB
Notes:
1.
Refer to “AN93: ISOmodem® Chipset Family Designer's Guide” for configuring clock input reset strapping.
2.
Measured at TIP and RING with 600
termination at 1 kHz, as shown in Figure 1 on page 5.
3.
Receive full scale level produces –0.9 dBFS at DTX.
4.
DR = 20 x log |Vin| + 20 x log (rms signal/rms noise). Applies to both transmit and receive paths. Vin = 1 kHz, –3 dBFS.
5.
Vin = 1 kHz, –3 dBFS. THD = 20 x log (rms distortion/rms signal).


Similar Part No. - SI2494

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2494-A-FM SKYWORKS-SI2494-A-FM Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2494-A-GM SKYWORKS-SI2494-A-GM Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results

Similar Description - SI2494

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com