Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSPU25A-105 Datasheet(PDF) 1 Page - Total Power International

Part # TPSPU25A-105
Description  25W Desk Top Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSPU25A-105 Datasheet(HTML) 1 Page - Total Power International

  TPSPU25A-105 Datasheet HTML 1Page - Total Power International TPSPU25A-105 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage90to264VAC,47to63Hz
IEC-320-C14InputInlet
OptionalOutputConnector(Seepageappendix)
SingleOutput
ApprovedasLimitedPowerSource(LPS)
EnergyStar2.0,EfficiencylevelV
ClassI
2yearwarranty
ElectricalCharacteristics:
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
90~264VAC
fin
Po
Vo
Io
Iil
Iih
Ir
InputFrequency
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat40°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.3MHrs(min.)
Seederatingcurve
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
0.55A
0.30A
47~63Hz
25A (max.)
50A (max.)
75~95%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
Nil
2S (max.)
12~16mS
0.5~1%
110~150%
0.75mA (max.)
2% (max.)
1~5%
4mS(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
4242VDC (min.)
Primarytosecondary
DielectricWithstandingVoltage
forPrimarytosecondary
TPSPU25A SERIES
Vpg
Ris
2837VDC (min.)
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
25WDeskTopType
I.T.E.PowerSupplies
RoHS
2002/95/EC
COMPLIANT
S&E
-POSSystem
- AVEquipment
-IndustrialPC
-NotePC
-Charger
-LEDLighting
UL/c-UL(UL 60950-1:2ndEdition)
TUV/GS(EN60950-1:2ndEdition)
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPSPU25A-105

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU25B TOTAL-POWER-TPSPU25B Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-102 TOTAL-POWER-TPSPU25B-102 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-103 TOTAL-POWER-TPSPU25B-103 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-104 TOTAL-POWER-TPSPU25B-104 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-105 TOTAL-POWER-TPSPU25B-105 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
More results

Similar Description - TPSPU25A-105

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU25A ASTRODYNE-SPU25A Datasheet
318Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU25C ASTRODYNE-SPU25C Datasheet
323Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU25B ASTRODYNE-SPU25B Datasheet
334Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
logo
Total Power Internation...
TPSPU25B TOTAL-POWER-TPSPU25B Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25C TOTAL-POWER-TPSPU25C Datasheet
360Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU46 TOTAL-POWER-TPSPU46 Datasheet
270Kb / 2P
   50W Desk Top Type I.T.E. Power Supplies
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com