Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2581EVM Datasheet(PDF) 11 Page - Texas Instruments

Part # LMX2581EVM
Description  Input and Output Connector Description
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2581EVM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2581EVM Datasheet HTML 7Page - Texas Instruments LMX2581EVM Datasheet HTML 8Page - Texas Instruments LMX2581EVM Datasheet HTML 9Page - Texas Instruments LMX2581EVM Datasheet HTML 10Page - Texas Instruments LMX2581EVM Datasheet HTML 11Page - Texas Instruments LMX2581EVM Datasheet HTML 12Page - Texas Instruments LMX2581EVM Datasheet HTML 13Page - Texas Instruments LMX2581EVM Datasheet HTML 14Page - Texas Instruments LMX2581EVM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
LMX2581
OSCin
Out+
Out-
0.1 F
0.1 F
VccAux
18
R13
DNP
1µF
C1
0
R5
DNP
1
MUXout
142-0701-851
DNP
2
3
4
5
OSCin
142-0701-851
10
R6
VccPlane
330
R33
DNP
MUXout_TP
DNP
100pF
C109
DNP
MUXout_uWire
Y1 is for a XO, but has
accomodations also for
VCXOs as well.
0
R34
DNP
GND_OSC
GND_OSC
GND_OSC
GND_OSC
CLK
120 ohm
L3
47
R14
18
R15
33
R16
Green
D1
DNP
VCC
4
E/D
1
GND
2
OUT
3
100MHz
Y1
CWX813-100.0M
CLK
1
0
R21
0
R20
VccPlane
100pF
C9
0
R18
100pF
C8
0
R17
100pF
C110
DNP
VccPlane
www.ti.com
Board Construction
3.3
Comments and Recommendations for Evaluation Board Schematic
OSCin Input
The OSCin input has components of a series 47
Ω, shunt 18 Ω, and series 33 Ω, followed by a DC blocker
capacitor. This divides down the CMOS output level of the XO and also makes the impedance as seen
from the OSCin pin looking out to be about 50
Ω.
The OSCin input can also be driven by the OSCin SMA. To do this, remove R6 and R14; change R13,
R15, and L3 to 0
Ω; and make R15 51 Ω. Note that if L3 is not changed and left as a ferrite bead, this can
create degraded performance when used with an external signal generator.
Figure 9. OSCin Input Diagram
Complementary OSCin Input Recommendation
When the OSCin trace is differential, the approach shown in Figure 10 can also be used to convert it for
the single-ended input of the LMX2581. This circuit makes impedance seen from the LMX2581 OSCin pin
looking out to be 50
Ω as well as the termination for the differential trace to be 100 Ω. Note that only one
side of the 100
Ω differential trace can be grounded or it will change the desired 100 Ω termination for the
differential trace.
Figure 10. Complementary OSCin Input Recommendation Diagram
11
SNAU136C – November 2012 – Revised November 2013
LMX2581EVM User's Guide
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - LMX2581EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQE TI1-LMX2581ESQE Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQE/NOPB TI1-LMX2581ESQE/NOPB Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQX TI1-LMX2581ESQX Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQX/NOPB TI1-LMX2581ESQX/NOPB Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
More results

Similar Description - LMX2581EVM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA Datasheet
1Mb / 14P
   Unmatched input and output
logo
Microchip Technology
DSC6021CE1A-00CW MICROCHIP-DSC6021CE1A-00CW Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021CI2A-00EM MICROCHIP-DSC6021CI2A-00EM Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021CI2A-00EP MICROCHIP-DSC6021CI2A-00EP Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021HE2A-00D8 MICROCHIP-DSC6021HE2A-00D8 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021HI2A-00A2 MICROCHIP-DSC6021HI2A-00A2 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6023JE1B-01D6 MICROCHIP-DSC6023JE1B-01D6 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6023JI2A-00A5 MICROCHIP-DSC6023JI2A-00A5 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6023JE1B-01D8 MICROCHIP-DSC6023JE1B-01D8 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021JI2A-00A2 MICROCHIP-DSC6021JI2A-00A2 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com