Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4739 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4739
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4739 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4739 Datasheet HTML 1Page - Silicon Laboratories SI4739 Datasheet HTML 2Page - Silicon Laboratories SI4739 Datasheet HTML 3Page - Silicon Laboratories SI4739 Datasheet HTML 4Page - Silicon Laboratories SI4739 Datasheet HTML 5Page - Silicon Laboratories SI4739 Datasheet HTML 6Page - Silicon Laboratories SI4739 Datasheet HTML 7Page - Silicon Laboratories SI4739 Datasheet HTML 8Page - Silicon Laboratories SI4739 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1/08
Copyright © 2008 by Silicon Laboratories
AN388
AN388
Si470 X /1 X /2 X /3 X /4 X E VALUATION B OA RD TEST P ROCEDURE
1. Introduction
The purpose of this document is to describe the test procedures used in Silicon Laboratories for the Si470x/1x/2x/
3x/4x evaluation boards (EVB). It is also intended to enable customers to exactly replicate Silicon Laboratories’ test
environment so that variances in customers’ and Silicon Laboratories’ measured results can be accurately
compared. This document covers AM, FM, and weather band tests for the Si470x/1x/2x/3x/4x receivers and FM
tests for Si471x/2x transmitters. The pass/fail criteria for each test are provided in the respective data sheets.
The Si470x/1x/2x/3x/4x evaluation boards and software provide a platform to program, test, and operate the
Si470x/1x/2x/3x/4x devices. The system consists of two boards: a baseboard and an RF daughter card. The
baseboard provides all necessary support functions, including a USB-based programming interface, digital/analog
audio input and output connection points, optional external clock input, and the RF reference clock source. In
addition, the baseboard provides an S/PDIF transceiver for converting analog audio input/output to I2S and a
codec for converting analog audio input/output to I2S digital input/output. The RF daughter card changes for each
device. For devices with receive functionality (Si470x/2x/3x), it contains the tuner, connection points for RF input,
and audio amplifier. For devices with transmit functionality, it contains the transmitter, connection points for RF
measurement, a trace antenna, and a connection for an external loop antenna. Refer to the individual-EVB User’s
Guides for detailed explanations of the EVB hardware and software.
Table 1 summarizes the functionality of each device in the family.
Table 1. Product Family Function
Part
Number
General
Description
FM
Transmit
FM
Receiver
AM
Receiver
SW/LW
Receiver
WB
Receiver
RDS
RPS
SAME
Digital
Input or
Output
Si4700
FM Receiver
Si4701
FM Receiver
w/ RDS
Si4702
FM Receiver
Si4703
FM Receiver
w/ RDS
Si4704
FM Receiver
Si4705
FM Receiver
w/ RDS
Si4706
RDS Only
Receiver
Si4707
WB
Receiver w/
SAME
Si4708
FM Receiver
Si4709
FM Receiver
w/ RDS



Similar Part No. - SI4739

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4739 SILABS-Si4739 Datasheet
194Kb / 24P
   BROADCAST MULTI-BAND RADIO RECEIVER
SI4739 SILABS-SI4739 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4739 SILABS-SI4739 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4739 SILABS-Si4739 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4739-B20 SILABS-SI4739-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

Similar Description - SI4739

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
NXP Semiconductors
ES-LPC435X NXP-ES-LPC435X Datasheet
70Kb / 11P
   Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Pulse A Technitrol Comp...
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
   GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
RAZ32011MM PULSE-RAZ32011MM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
logo
Monolithic Power System...
EV3021DQ-00A MPS-EV3021DQ-00A Datasheet
198Kb / 5P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com