Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4844 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4844
Description  Si48XX ATDD PROGRAMMING GUIDE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4844 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4844 Datasheet HTML 5Page - Silicon Laboratories SI4844 Datasheet HTML 6Page - Silicon Laboratories SI4844 Datasheet HTML 7Page - Silicon Laboratories SI4844 Datasheet HTML 8Page - Silicon Laboratories SI4844 Datasheet HTML 9Page - Silicon Laboratories SI4844 Datasheet HTML 10Page - Silicon Laboratories SI4844 Datasheet HTML 11Page - Silicon Laboratories SI4844 Datasheet HTML 12Page - Silicon Laboratories SI4844 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
AN610
Rev. 0.3
9
5.1.3. Power Off Sequence
1. System controller can optionally issue the POWER_DOWN command first to stop device current
operations.
2. System controller holds the ATDD device RSTb pin in low state in power off. The current consumption of
the ATDD device will be at about 10 µA at 3.3 V supply. (Note that the Si47xx DTDD device POWER_UP
commands is not supported in the ATDD device; the system controller needs to reset device and issue
ATDD_POWER_UP command to power up.)
5.2. Band Detection by System Controller
Figure 5. Band Detection and Control by System Controller
The system controller is responsible for detecting the band with its own mechanism. The method used to handle
band switching on the ATDD device depends on whether the system controller wants to switch to the new band
within the same band mode (e.g., FM1
FM5) or switch it across different band modes (e.g. FM5AM1).For
example, to switch to a new band within the same band mode, the system controller should re-issue the power up
command with the new band number, optionally with band properties other than the predefined ones. Alternatively,
to switch across different band modes, the system controller should reset the ATDD device and wait till it is ready
again, then issue the same power up command with the new band number with optional band properties.
5.2.1. Power On Sequence
1. System controller resets the ATDD device and releases the RSTb pin.
2. System controller waits till first IRQ is received (indicates that the ATDD device is ready to receive
commands).
3. System controller issues ATDD_GET_STATUS command to obtain the ATDD device status. The system
controller is required to check in the reply from the BCFG0 bit to determine if the ATDD device or the
system controller is responsible for band detection and selection. In this case, the BCFG0 bit should be 1
(i.e., host detects band). Note that the HOSTPWRUP bit is always set, which prompts the system controller
to issue the ATDD_POWER_UP command. Band and tune information are not ready in this power up
stage.
4. System controller issues ATDD_POWER_UP command with the bulleted arguments below to power up the
device:

Set ARG1 bit[5:0] BANDIDX band index to the desired band number.

Set ARG1 bit[7] XOSEN bit = 1 if a 32.768 kHz crystal is in use. Set ARG1 bit[6] XOWAIT bit =0 if
typical 600 ms crystallization time is enough or set the XOWAIT bit = 1 for a longer time of 900 ms.

Optionally include ARG2 ARG3* if new band bottom frequency is different from default.

Optionally include ARG4 ARG5* if new band top frequency is different from default.

Optionally include ARG6* if new band channel space is different from default (AM only).

Optionally include ARG7 for new features of Si4827 and Si4844B devices.
5. System controller waits till IRQ is received for the tune wheel frequency ready.
6. System controller issues ATDD_GET_STATUS command to obtain the latest status for display:

If REPLY0 bit[4] INFORDY bit = 1, i.e., info ready, the host can read and display the status, such as the
band mode, the station, and stereo states.

The tune frequency is ready when combined frequency of REPLY2, REPLY3 is non-zero (4-digit BCD
number).
7. Optionally, the system controller can issue the ATDD_AUDIO_MODE command to specify the number of
 
Host MCU  
(Master)  
ATDD Tuner
 
(Slave) 
RSTb 
IRQ 
SCLK 
SDIO 
PVR
  Tune wheel 
 
FM  
AM  
Band select 
VDD1   


Similar Part No. - SI4844

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4844 SILABS-SI4844 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4844 SILABS-SI4844 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4844 SILABS-SI4844 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-A10 SILABS-SI4844-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4844-A10 SKYWORKS-SI4844-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
More results

Similar Description - SI4844

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
logo
M/A-COM Technology Solu...
AN3004 MA-COM-AN3004 Datasheet
83Kb / 5P
   Programming Guide, Integer N PLL Synthesizer 100 - 2800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com