Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4826 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI4826
Description  Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4826 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI4826 Datasheet HTML 1Page - Silicon Laboratories SI4826 Datasheet HTML 2Page - Silicon Laboratories SI4826 Datasheet HTML 3Page - Silicon Laboratories SI4826 Datasheet HTML 4Page - Silicon Laboratories SI4826 Datasheet HTML 5Page - Silicon Laboratories SI4826 Datasheet HTML 6Page - Silicon Laboratories SI4826 Datasheet HTML 7Page - Silicon Laboratories SI4826 Datasheet HTML 8Page - Silicon Laboratories SI4826 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AN603
4
Rev. 0.3
3.1.3. Pass Criteria
For the band property with MCU setting, the tuning frequency range is the range which the user set (for setting the
value of BAND TOP and BAND BOTTOM in the SETTING MENU, see the Si4822/26/27/40/44-DEMO Board
User’s Guide for details).
For the band property with tuner default, the pass criteria are as follows:
3.2. FM Sensitivity
3.2.1. Description
Determine input level in dBμVemf to result in 26 dB SINAD in mono RX mode.
3.2.2. Conditions / Procedure
1. Connect test equipment as shown in Figure 1.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = THD+N / SINAD.
i. Set Measurement Mode = SINAD.
ii. Set Unit = dB.
iii. Set Filter = A-weighting.
iv. Set Frequency Limit Low = 300 Hz.
v. Set Frequency Limit High = 15000 Hz.
4. Configure generator:
a. Set carrier frequency = 98 MHz.
b. Select FM Modulation.
i. Set FM Deviation = 22.5 kHz.
ii. Set Source = LFGEN.
iii. Set LFGEN Frequency = 1 kHz.
c. Enable modulation.
d. Enable carrier.
5. Adjust generator RF level, VRF0, until audio analyzer SINAD = 26 dB ±1 dB.
6. Sensitivity (dBμVemf) = VRF0.
3.2.3. Pass Criteria
FM sensitivity should be below 10 dBµVemf.
Table 1. FM Frequency Range
Parameter
Min
Max
Unit
FM1 frequency range
87
108
MHz
FM2 frequency range
86.5
109
MHz
FM3 frequency range
87.3
108.25
MHz
FM4 frequency range
76
90
MHz
FM5 frequency range
64
87
MHz


Similar Part No. - SI4826

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826 SILABS-SI4826 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4826 SILABS-SI4826 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4826-A10 SILABS-SI4826-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
logo
Texas Instruments
Si4826DY TI1-Si4826DY Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
More results

Similar Description - SI4826

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN569 SILABS-AN569 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com