Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN610 Datasheet(PDF) 29 Page - Silicon Laboratories

Part # AN610
Description  Si48XX ATDD PROGRAMMING GUIDE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN610 Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button AN610 Datasheet HTML 25Page - Silicon Laboratories AN610 Datasheet HTML 26Page - Silicon Laboratories AN610 Datasheet HTML 27Page - Silicon Laboratories AN610 Datasheet HTML 28Page - Silicon Laboratories AN610 Datasheet HTML 29Page - Silicon Laboratories AN610 Datasheet HTML 30Page - Silicon Laboratories AN610 Datasheet HTML 31Page - Silicon Laboratories AN610 Datasheet HTML 32Page - Silicon Laboratories AN610 Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
AN610
Rev. 0.3
29
Property 0x4002. RX_BASS_TREBLE
Sets the audio output bass/treble effect. The CTS bit is set when it is safe to send the next command. This property
may only be set or read when in power up mode. The default is 4.
The bass effect is achieved by boosting the audio low frequency components and attenuating the audio frequency
components. The treble effect is achieved vice versa. As additional dynamic range is required to process the bass/
treble effects, the maximum digital volume output level for maximum bass/treble effect is reduced by 5dB
compared with no bass/treble effects. For the same reason, the audio SNR under the bass/treble audio mode is a
few dB worst than that under the digital volume audio mode.
Default: 0x0004
Step: 1
Range: 0–8
Bit
D15
D14
D13
D12
D11
D10
D9D8D7D6D5D4D3
D2
D1
D0
Name
0
0
0
0
0
0
0
0
0
0
0
BASSTREBLE[4:0]
Bit
Name
Function
15:5
Reserved
Always write to 0.
4:0
BASSTREBLE
Bass/Treble level.
Sets the output bass/treble effect level:
0 -Bass boost +4 (max)
1- Bass boost +3
2- Bass boost +2
3- Bass boost +1 (min)
4- Normal (No Bass/Treble effect) (Default)
5- Treble boost +1 (min)
6- Treble boost +2
7- Treble boost +3
8- Treble boost +4 (max)


Similar Part No. - AN610

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN610 VISHAY-AN610 Datasheet
1Mb / 17P
   PolarPAK Solder Joint Reliability Based on Thermal Fatigue IPC-9701
31-Aug-05
logo
Microchip Technology
AN610 MICROCHIP-AN610 Datasheet
82Kb / 9P
   Using the 24LC21 Dual Mode Serial EEPROM
2002
logo
Panasonic Semiconductor
AN6107 PANASONIC-AN6107 Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6107SA PANASONIC-AN6107SA Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6108SA PANASONIC-AN6108SA Datasheet
25Kb / 2P
   Digital Communication IF Amplifier IC
More results

Similar Description - AN610

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
logo
M/A-COM Technology Solu...
AN3004 MA-COM-AN3004 Datasheet
83Kb / 5P
   Programming Guide, Integer N PLL Synthesizer 100 - 2800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com