Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN610 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # AN610
Description  Si48XX ATDD PROGRAMMING GUIDE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN610 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button AN610 Datasheet HTML 18Page - Silicon Laboratories AN610 Datasheet HTML 19Page - Silicon Laboratories AN610 Datasheet HTML 20Page - Silicon Laboratories AN610 Datasheet HTML 21Page - Silicon Laboratories AN610 Datasheet HTML 22Page - Silicon Laboratories AN610 Datasheet HTML 23Page - Silicon Laboratories AN610 Datasheet HTML 24Page - Silicon Laboratories AN610 Datasheet HTML 25Page - Silicon Laboratories AN610 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
AN610
22
Rev. 0.3
Command 0x10. GET_REV
Returns the part number, chip revision, firmware revision, patch revision, and component revision numbers. The
command is complete when the CTS bit (and optional interrupt) is set. This command may only be sent when in
power up mode.
Command arguments: None
Response bytes: Eight
Command
Response
Bit
D7
D6
D5
D4
D3
D2
D1
D0
CMD
00
0
1
0
0
0
0
Bit
D7
D6D5
D4D3D2D1
D0
STATUS
CTS
ERR
Reserved
RESP1
PN[7:0]
RESP2
FWMAJOR[7:0]
RESP3
FWMINOR[7:0]
RESP4
Reserved
RESP5
Reserved
RESP6
CMPMAJOR[7:0]
RESP7
CMPMINOR[7:0]
RESP8
CHIPREV[7:0]
RESP
Bit
Name
Function
1
7:0
PN
Final 2 digits of Part Number (HEX).
2
7:0
FWMAJOR
Firmware Major Revision (ASCII).
3
7:0
FWMINOR
Firmware Minor Revision (ASCII).
6
7:0
CMPMAJOR
Component Major Revision (ASCII).
7
7:0
CMPMINOR
Component Minor Revision (ASCII).
8
7:0
CHIPREV
Chip Revision (ASCII).


Similar Part No. - AN610

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN610 VISHAY-AN610 Datasheet
1Mb / 17P
   PolarPAK Solder Joint Reliability Based on Thermal Fatigue IPC-9701
31-Aug-05
logo
Microchip Technology
AN610 MICROCHIP-AN610 Datasheet
82Kb / 9P
   Using the 24LC21 Dual Mode Serial EEPROM
2002
logo
Panasonic Semiconductor
AN6107 PANASONIC-AN6107 Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6107SA PANASONIC-AN6107SA Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6108SA PANASONIC-AN6108SA Datasheet
25Kb / 2P
   Digital Communication IF Amplifier IC
More results

Similar Description - AN610

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
logo
M/A-COM Technology Solu...
AN3004 MA-COM-AN3004 Datasheet
83Kb / 5P
   Programming Guide, Integer N PLL Synthesizer 100 - 2800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com