Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN610 Datasheet(PDF) 57 Page - Silicon Laboratories

Part # AN610
Description  Si48XX ATDD PROGRAMMING GUIDE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN610 Datasheet(HTML) 57 Page - Silicon Laboratories

Back Button AN610 Datasheet HTML 53Page - Silicon Laboratories AN610 Datasheet HTML 54Page - Silicon Laboratories AN610 Datasheet HTML 55Page - Silicon Laboratories AN610 Datasheet HTML 56Page - Silicon Laboratories AN610 Datasheet HTML 57Page - Silicon Laboratories AN610 Datasheet HTML 58Page - Silicon Laboratories AN610 Datasheet HTML 59Page - Silicon Laboratories AN610 Datasheet HTML 60Page - Silicon Laboratories AN610 Datasheet HTML 61Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
AN610
Rev. 0.3
57
To send the ATDD_POWER_UP command and arguments, the system controller sends the START condition,
followed by the 8-bit control word, which consists of a seven-bit device address (0010001b) and the write bit (0b)
indicated by ADDR+W = 00100010b = 0x22. The device acknowledges the control word by setting SDIO = 0,
indicated by ACK = 0. The system controller then sends the CMD byte, 0xE1, and again the device acknowledges
by setting ACK = 0. The system controller and device repeat this process for the ARG1, ARG2, ARG3, ARG4,
ARG5, and ARG6 bytes. Commands may take up to seven argument bytes, and this flexibility should be designed
into the 2-wire bus mode implementation. Alternatively, all seven argument bytes may be sent for all commands,
but unusual arguments must be 0x00. Unpredictable device behavior will result if more than seven arguments are
sent.
To read the status and response from the device, the system controller sends the START condition, followed by the
eight-bit control word, which consists of the seven bit device address and the read bit (1b) (i.e., the write control
word is ADDR+R = 00100011b = 0x23). The device acknowledges the control word by setting ACK = 0. Next the
system controller reads the STATUS byte. In this example, the STATUS byte is 0x00, indicating that the CTS bit, bit
8, has not been set. The response bytes are not ready for reading and that the device is not ready to accept
another command. The system controller sets SDIO = 1, indicated by NACK = 1, to signal to the device the 2-wire
transfer will end. The system controller should set the STOP condition. This process is repeated until the STATUS
byte indicates that CTS bit is set, 0x80 in this example.
When the STATUS byte returns CTS bit set, 0x80 in this example, the system controller may read the response
bytes from the device. The controller sets ACK = 0 to indicate to the device that additional bytes will be read. The
RESP1 byte is read by the system controller, followed by the system controller setting ACK = 0. This is repeated for
RESP2. RESP3 is read by the system controller followed by the system controller setting NACK = 1, indicating that
RESP3 is the last byte to be read. The system controller then sets the STOP condition. Responses may be up to
15 bytes in length (RESP1–RESP15) depending on the command. It is acceptable to read all 15 response bytes.
However, unused response bytes return random data and must be ignored. Note that the ATDD_POWER_UP
command returns only the STATUS byte and response bytes are shown only for completeness.
START
ADDR+W
ACK
CMD
ACK
ARG1
ACK
ARG6
ACK
STOP
START
0x22
00xE1
00x080
0
0x0A
0STOP
START
ADDR+R
ACK
STATUS
NACK
STOP
START
0x23
0
0x00
1
STOP
START
ADDR+R
STATUS
ACK
RESP1
ACK
RESP2
ACK
RESP3
NACK
STOP
START
0x23
0x80
0
0x00
0
0x00
0
0x00
1
STOP


Similar Part No. - AN610

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN610 VISHAY-AN610 Datasheet
1Mb / 17P
   PolarPAK Solder Joint Reliability Based on Thermal Fatigue IPC-9701
31-Aug-05
logo
Microchip Technology
AN610 MICROCHIP-AN610 Datasheet
82Kb / 9P
   Using the 24LC21 Dual Mode Serial EEPROM
2002
logo
Panasonic Semiconductor
AN6107 PANASONIC-AN6107 Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6107SA PANASONIC-AN6107SA Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6108SA PANASONIC-AN6108SA Datasheet
25Kb / 2P
   Digital Communication IF Amplifier IC
More results

Similar Description - AN610

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
logo
M/A-COM Technology Solu...
AN3004 MA-COM-AN3004 Datasheet
83Kb / 5P
   Programming Guide, Integer N PLL Synthesizer 100 - 2800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com