Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4742 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI4742
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4742 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4742 Datasheet HTML 4Page - Silicon Laboratories SI4742 Datasheet HTML 5Page - Silicon Laboratories SI4742 Datasheet HTML 6Page - Silicon Laboratories SI4742 Datasheet HTML 7Page - Silicon Laboratories SI4742 Datasheet HTML 8Page - Silicon Laboratories SI4742 Datasheet HTML 9Page - Silicon Laboratories SI4742 Datasheet HTML 10Page - Silicon Laboratories SI4742 Datasheet HTML 11Page - Silicon Laboratories SI4742 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 302 page
background image
AN332
8
Rev. 1.0
Table 5. FM Transmitter Property Summary
Prop
Name
Description
Default
Available In
0x0001
GPO_IEN
Enables interrupt sources.
0x0000
All
0x0101
DIGITAL_INPUT _FORMAT1
Configures the digital input format.
0x0000
All except
Si4710-A10
0x0103
DIGITAL_INPUT _SAMPLE_RATE1
Configures the digital input sample
rate in 1 Hz steps.
Default is 0.
0x0000
All except
Si4710-A10
0x0201
REFCLK_FREQ
Sets frequency of the reference clock
in Hz. The range is 31130 to
34406 Hz, or 0 to disable the AFC.
Default is 32768 Hz.
0x8000
All
0x0202
REFCLK_PRESCALE
Sets the prescaler value for the refer-
ence clock.
0x0001
All
0x2100
TX_COMPONENT_ENABLE
Enable transmit multiplex signal com-
ponents.
Default has pilot and L-R enabled.
0x0003
All
0x2101
TX_AUDIO_DEVIATION
Configures audio frequency deviation
level. Units are in 10 Hz increments.
Default is 6825 (68.25 kHz).
0x1AA9
All
0x2102
TX_PILOT_DEVIATION
Configures pilot tone frequency devi-
ation level. Units are in 10 Hz incre-
ments. Default is 675 (6.75 kHz)
0x02A3
All
0x2103
TX_RDS_DEVIATION2
Configures the RDS/RBDS fre-
quency deviation level. Units are in
10 Hz increments. Default is 2 kHz.
0x00C8 Si4711/13/21
0x2104
TX_LINE_INPUT_LEVEL
Configures maximum analog line
input level to the LIN/RIN pins to
reach the maximum deviation level
programmed into the audio deviation
property TX Audio Deviation. Default
is 636 mVPK.
0x327C
All
0x2105
TX_LINE_INPUT_MUTE
Sets line input mute. L and R inputs
may be independently muted. Default
is not muted.
0x0000
All
0x2106
TX_PREEMPHASIS
Configures pre-emphasis time con-
stant.
Default is 0 (75 µs).
0x0000
All
0x2107
TX_PILOT_FREQUENCY
Configures the frequency of the ste-
reo pilot. Default is 19000 Hz.
0x4A38
All
Notes:
1.
Digital Audio Input feature (property DIGITAL_INPUT_FORMAT and DIGITAL_INPUT_SAMPLE_RATE) is supported
in FMTX component 2.0 or later.
2.
RDS feature (command TX_RDS_BUFF, TX_RDS_PS and RDS properties 0x2103, 0x2C00 through 2C07) is
supported in FMTX component 2.0 or later.
3.
Limiter feature (LIMITEN bit in TX_ACOMP_ENABLE and property TX_LIMITER_RELEASE_TIME) is supported in
FMTX component 2.0 or later.


Similar Part No. - SI4742

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4742 SILABS-SI4742 Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI4742 SILABS-SI4742 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4742 SILABS-SI4742 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4742 SILABS-Si4742 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4742

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com