Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN332 Datasheet(PDF) 40 Page - Silicon Laboratories

Part No. AN332
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN332 Datasheet(HTML) 40 Page - Silicon Laboratories

Back Button AN332 Datasheet HTML 36Page - Silicon Laboratories AN332 Datasheet HTML 37Page - Silicon Laboratories AN332 Datasheet HTML 38Page - Silicon Laboratories AN332 Datasheet HTML 39Page - Silicon Laboratories AN332 Datasheet HTML 40Page - Silicon Laboratories AN332 Datasheet HTML 41Page - Silicon Laboratories AN332 Datasheet HTML 42Page - Silicon Laboratories AN332 Datasheet HTML 43Page - Silicon Laboratories AN332 Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 302 page
background image
AN332
40
Rev. 1.0
Property 0x2107. TX_PILOT_FREQUENCY
This property is used to set the frequency of the stereo pilot in 1 Hz steps. The stereo pilot is nominally set to
19 kHz for stereo operation, however the pilot can be set to any frequency from 0 Hz to 19 kHz to support the
generation of an audible test tone. The pilot tone is enabled by setting the PILOT bit (D0) of the
TX_COMPONENT_ENABLE property. When using the stereo pilot as an audible test generator it is recommended
that the RDS bit (D2) be disabled. The CTS bit (and optional interrupt) is set when it is safe to send the next
command. This property may only be set or read when in powerup mode.
Available in: All
Default: 0x4A38 (19000)
Units: 1 Hz
Step: 1 Hz
Range: 0–19000
Property 0x2200. TX_ACOMP_ENABLE
Selectively enables the audio dynamic range control and limiter. The CTS bit (and optional interrupt) is set when it
is safe to send the next command. This property may only be set or read when in powerup mode. The default is
limiter enabled and audio dynamic range control disabled.
Note:
LIMITEN bit is supported in FMTX component 2.0 or later. Reset this bit to 0 in FMTX component 1.0.
Available in: All
Default: 0x0002
Bit
D15
D14
D13
D12
D11
D10
D9D8
D7D6D5D4
D3
D2D1D0
Name
FREQ[15:0]
Bit
Name
Function
15:0
FREQ
Stereo Pilot Frequency
Sets the frequency of the stereo pilot in 1 Hz steps.
Range 0 Hz–19000 Hz (default is 0x4A38 or 19 kHz).
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
0000
00
0
0
0
0
0
0
0
0
LIMITEN ACEN
Bit
Name
Function
15:2
Reserved
Always write to 0.
1
LIMITEN
Audio Limiter.
0=Disable
1 = Enable (default)
0ACEN
Transmit Audio Dynamic Range Control Enable.
0 = Audio dynamic range control disabled (default)
1 = Audio dynamic range control enabled


Similar Part No. - AN332

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
More results

Similar Description - AN332

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
Silicon Laboratories
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
List of Unclassifed Manufacturers
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
ATMEL Corporation
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
Silicon Laboratories
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
Motorola, Inc
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
Cypress Semiconductor
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
rfsolutions.ltd
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz