Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN332 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # AN332
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN332 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button AN332 Datasheet HTML 11Page - Silicon Laboratories AN332 Datasheet HTML 12Page - Silicon Laboratories AN332 Datasheet HTML 13Page - Silicon Laboratories AN332 Datasheet HTML 14Page - Silicon Laboratories AN332 Datasheet HTML 15Page - Silicon Laboratories AN332 Datasheet HTML 16Page - Silicon Laboratories AN332 Datasheet HTML 17Page - Silicon Laboratories AN332 Datasheet HTML 18Page - Silicon Laboratories AN332 Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 302 page
background image
AN332
Rev. 1.0
15
Command 0x11. POWER
_DOWN
Moves the device from powerup to powerdown mode. The CTS bit (and optional interrupt) is set when it is safe to
send the next command. This command may only be sent when in powerup mode. Note that only the POWER_UP
command is accepted in powerdown mode. If the system controller writes a command other than POWER_UP
when in powerdown mode, the device does not respond. The device will only respond when a POWER_UP
command is written. GPO pins are powered down and not active during this state. For optimal power down
current, GPO2 must be either internally driven low through GPIO_CTL command or externally driven low.
Note:
In FMTX component 1.0 and 2.0, a reset is required when the system controller writes a command other than POW-
ER_UP when in powerdown mode.
Note:
The following describes the state of all the pins when in powerdown mode:
GPIO1, GPIO2, and GPIO3 = 0
DIN, DFS, RIN, LIN = HiZ
Available in: All
Command arguments: None
Response bytes: None
Command
Response
Bit
D7
D6
D5
D4
D3
D2
D1
D0
CMD
00
0
1
0
0
0
1
Bit
D7D6D5
D4
D3
D2
D1
D0
STATUS
CTS
ERR
X
X
X
RDSINT
ASQINT
STCINT


Similar Part No. - AN332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
More results

Similar Description - AN332

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com