Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN332 Datasheet(PDF) 55 Page - Silicon Laboratories

Part # AN332
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN332 Datasheet(HTML) 55 Page - Silicon Laboratories

Back Button AN332 Datasheet HTML 51Page - Silicon Laboratories AN332 Datasheet HTML 52Page - Silicon Laboratories AN332 Datasheet HTML 53Page - Silicon Laboratories AN332 Datasheet HTML 54Page - Silicon Laboratories AN332 Datasheet HTML 55Page - Silicon Laboratories AN332 Datasheet HTML 56Page - Silicon Laboratories AN332 Datasheet HTML 57Page - Silicon Laboratories AN332 Datasheet HTML 58Page - Silicon Laboratories AN332 Datasheet HTML 59Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 302 page
background image
AN332
Rev. 1.0
55
5.2. Commands and Properties for the FM/RDS Receiver (Si4704/05/06/2x/3x/4x/84/85)
Tables 8 and 9 summarize the commands and properties for the FM/RDS Receiver component applicable to
Si4704/05/06/2x/3x/4x/84/85.
Table 8. FM/RDS Receiver Command Summary
Cmd
Name
Description
Available In
0x01
POWER_UP
Power up device and mode selection.
All
0x10
GET_REV
Returns revision information on the device.
All
0x11
POWER_DOWN
Power down device.
All
0x12
SET_PROPERTY
Sets the value of a property.
All
0x13
GET_PROPERTY
Retrieves a property’s value.
All
0x14
GET_INT_STATUS Reads interrupt status bits.
All
0x15
PATCH_ARGS*
Reserved command used for patch file downloads.
All
0x16
PATCH_DATA*
Reserved command used for patch file downloads.
All
0x20
FM_TUNE_FREQ
Selects the FM tuning frequency.
All
0x21
FM_SEEK_START
Begins searching for a valid frequency.
All
0x22
FM_TUNE_STATUS
Queries the status of previous FM_TUNE_FREQ or
FM_SEEK_START command.
All
0x23
FM_RSQ_STATUS
Queries the status of the Received Signal Quality (RSQ) of the current
channel.
All
0x24
FM_RDS_STATUS
Returns RDS information for current channel and reads an entry from
RDS FIFO.
Si4705/06,
Si4721, Si474x,
Si4731/35/37/39,
Si4785
0x27
FM_AGC_STATUS Queries the current AGC settings
All
0x28 FM_AGC_OVERRIDE Override AGC setting by disabling and forcing it to a fixed value
All
0x80
GPIO_CTL
Configures GPO1, 2, and 3 as output or Hi-Z.
All except
Si4730-A10
0x81
GPIO_SET
Sets GPO1, 2, and 3 output level (low or high).
All except
Si4730-A10
*Note:
Commands PATCH_ARGS and PATCH_DATA are only used to patch firmware. For information on applying a patch file, see
"7.2. Powerup from a Component Patch" on page 216.


Similar Part No. - AN332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
More results

Similar Description - AN332

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com