Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2305ZI-1T Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL2305ZI-1T
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2305ZI-1T Datasheet(HTML) 2 Page - Silicon Laboratories

  SL2305ZI-1T Datasheet HTML 1Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 2Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 3Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 4Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 5Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 6Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 7Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 8Page - Silicon Laboratories SL2305ZI-1T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev 2.1, October 22, 2007
Page 2 of 11
SL2305
Pin Configuration
1
2
3
4
8
7
6
5
CLKOUT
CLK4
VDD
CLK3
GND
CLK1
CLK2
CLKIN
Pin Description
8-Pin SOIC or TSSOP
Pin
Number
Pin Name
Pin Type
Pin Description
1
CLKIN
Input
Reference Frequency Clock Input. Weak pull-down (2
50kΩ).
2
CLK2
Output
Buffered Clock Output Weak pull-down (2
50kΩ).
3
CLK1
Output
Buffered Clock Output. Weak pull-down (2
50kΩ).
4
GND
Power
Power Ground.
5
CLK3
Output
Buffered Clock Output. Weak pull-down (2
50kΩ).
6
VDD
Power
3.3V Power Supply.
7
CLK4
Output
Buffered Clock Output. Weak pull-down (2
50kΩ).
8
CLKOUT
Output
Buffered Clock Output, Used for Internal Feedback to PLL Input. Weak pull-
down (2
50kΩ).


Similar Part No. - SL2305ZI-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2305ZI-1T SPECTRALINEAR-SL2305ZI-1T Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL2305ZI-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com