Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL18861 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SL18861
Description  3-Channel Clock Distribution Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL18861 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SL18861 Datasheet HTML 3Page - Silicon Laboratories SL18861 Datasheet HTML 4Page - Silicon Laboratories SL18861 Datasheet HTML 5Page - Silicon Laboratories SL18861 Datasheet HTML 6Page - Silicon Laboratories SL18861 Datasheet HTML 7Page - Silicon Laboratories SL18861 Datasheet HTML 8Page - Silicon Laboratories SL18861 Datasheet HTML 9Page - Silicon Laboratories SL18861 Datasheet HTML 10Page - Silicon Laboratories SL18861 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev 1.2, December 21 , 2010
Page 7 of 12
SL18861DI
AC Electrical Characteristics (I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10% and Operation Temperature Range -40 to +85°C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Clock Range
CLKIN
External Clock, CMOS square wave
or sine wave
10
26.000
52
MHz
Output Clock Range
CLKOUT
External Clock, CMOS square wave
CLKOUT1/2/3
10
26.000
52
MHz
Input Clock Voltage
Swing Level
VINpp
VDD=3.3V
1.32
1.4
-
Vpp
Input Duty Cycle
DCIN
CLKIN, Pin 3
30
50
70
%
Output Clock Rise Time
tr
VDD=1.8, CL=10pF, measured from
10 to 90% of VDD, Pins 4, 8, 9 and
10
-
1.2
2.2
ns
Output Clock Fall Time
tf
VDD=1.8, CL=10pF, measured from
10 to 90% of VDD, Pins 4, 8, 9 and
10
-
1.2
2.2
ns
Additive Phase Noise
APN-1
CLKIN=26MHz and 1 kHz offset
CLKOUT1/2/3
-
-138
-
dBc/Hz
Additive Phase Noise
APN-2
CLKIN=26MHz and 10 kHz offset
CLKOUT1/2/3
-
-157
-
dBc/Hz
Additive Phase Noise
APN-3
CLKIN=26MHz and 100 kHz offset
CLKOUT1/2/3
-
-165
-
dBc/Hz
Power-up Time
tPU
Time duration until CLKOUT1/2/3
frequency reaches valid frequency
after power supply reaches 0.9xVDD
value
-
100
200
ns
Output Enable Time
tOE1
Time from OE raising edge to active
at outputs CLKOUT1/2/3
(Asynchronous)
-
25
-
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs CLKOUT1/2/3
(Asynchronous)
-
25
-
ns
Output Enable Time
tOE2
Active recovery time from standby
(CLKIN=0 or 1) to active at outputs
CLKOUT1/2/3
-
100
-
ns


Similar Part No. - SL18861

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL18860 SILABS-SL18860 Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
logo
List of Unclassifed Man...
SL18860DC ETC2-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
logo
List of Unclassifed Man...
SL18860DCT ETC2-SL18860DCT Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
More results

Similar Description - SL18861

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
logo
List of Unclassifed Man...
SL18860DCT ETC2-SL18860DCT Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
logo
Silicon Laboratories
SL18860 SILABS-SL18860 Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
   1-to-4 Clock Distribution Buffer
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Alliance Semiconductor ...
ASM2I99446 ALSC-ASM2I99446 Datasheet
575Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Integrated Device Techn...
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Cypress Semiconductor
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com