Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04808BISQX Datasheet(PDF) 7 Page - Texas Instruments

Part # LMK04808BISQX
Description  Low-Noise Clock Jitter Cleaner
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04808BISQX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK04808BISQX Datasheet HTML 3Page - Texas Instruments LMK04808BISQX Datasheet HTML 4Page - Texas Instruments LMK04808BISQX Datasheet HTML 5Page - Texas Instruments LMK04808BISQX Datasheet HTML 6Page - Texas Instruments LMK04808BISQX Datasheet HTML 7Page - Texas Instruments LMK04808BISQX Datasheet HTML 8Page - Texas Instruments LMK04808BISQX Datasheet HTML 9Page - Texas Instruments LMK04808BISQX Datasheet HTML 10Page - Texas Instruments LMK04808BISQX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
LMK04803, LMK04805, LMK04806, LMK04808
www.ti.com
SNAS489K – MARCH 2011 – REVISED DECEMBER 2014
6.4 Thermal Information
LMK0480x
THERMAL METRIC(1)
NKD
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance on 4-layer JEDEC PCB(2)(3)
25.2
RθJC(top)
Junction-to-case (top) thermal resistance(4)(5)
6.9
RθJB
Junction-to-board thermal resistance(6)
4.0
°C/W
ψJT
Junction-to-top characterization parameter(7)
0.1
ψJB
Junction-to-board characterization parameter(8)
4.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance(9)
0.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
Specification assumes 32 thermal vias connect the die attach pad to the embedded copper plane on the 4-layer JEDEC PCB. These
vias play a key role in improving the thermal performance of the WQFN. Note that the JEDEC PCB is a standard thermal measurement
PCB and does not represent best performance a PCB can achieve. It is recommended that the maximum number of vias be used in the
board layout. R θJA is unique for each PCB.
(4)
The junction-to-case(top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC standard
test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(5)
Case is defined as the DAP (die attach pad)
(6)
The junction-to-board thermal resistance is obtained by simulating an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(7)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(8)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-case(bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
6.5 Electrical Characteristics
3.15 V
≤ VCC ≤ 3.45 V, -40 °C ≤ TA ≤ 85°C. Typical values represent most likely parametric norms at VCC = 3.3 V, TA = 25°C,
at the Recommended Operating Conditions at the time of product characterization and are not specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION
No DC path to ground on
ICC_PD
Power down supply current
1
3
mA
OSCout1/1*(2)
All clock delays disabled,
CLKoutX_Y_DIV = 1045,
ICC_CLKS
Supply current with all clocks enabled(3)
505
590
mA
CLKoutX_TYPE = 1 (LVDS),
PLL1 and PLL2 locked.
CLKin0/0* and CLKin1/1* INPUT CLOCK SPECIFICATIONS
fCLKin
Clock input frequency(4)
0.001
500
MHz
SLEWCLKin
(1)
Clock input slew rate(5)
20% to 80%
0.15
0.5
V/ns
VIDCLKin
0.25
1.55
|V|
AC coupled
Clock input
CLKinX_BUF_TYPE = 0 (Bipolar)
VSSCLKin
0.5
3.1
Vpp
Differential input voltage (see (6) and
VIDCLKin
0.25
1.55
|V|
AC coupled
Figure 4)
CLKinX_BUF_TYPE = 1 (MOS)
VSSCLKin
0.5
3.1
Vpp
(1)
In order to meet the jitter performance listed in the subsequent sections of this data sheet, the minimum recommended slew rate for all
input clocks is 0.5 V/ns. This is especially true for single-ended clocks. Phase noise performance will begin to degrade as the clock input
slew rate is reduced. However, the device will function at slew rates down to the minimum listed. When compared to single-ended
clocks, differential clocks (LVDS, LVPECL) will be less susceptible to degradation in phase noise performance at lower slew rates due to
their common mode noise rejection. However, it is also recommended to use the highest possible slew rate for differential clocks to
achieve optimal phase noise performance at the device outputs.
(2)
If emitter resistors are placed on the OSCout1/1* pins, there will be a DC current to ground which will cause powerdown Icc to increase.
(3)
Load conditions for output clocks: LVDS: 100-
Ω differential. See Current Consumption and Power Dissipation Calculations for Icc for
specific part configuration and how to calculate Icc for a specific design.
(4)
CLKin0, CLKin1 maximum is specified by characterization, production tested at 200 MHz.
(5)
Specified by characterization.
(6)
See Differential Voltage Measurement Terminology for definition of VID and VOD voltages.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMK04803 LMK04805 LMK04806 LMK04808


Similar Part No. - LMK04808BISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04808BISQ TI1-LMK04808BISQ Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results

Similar Description - LMK04808BISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04816 TI1-LMK04816_16 Datasheet
1Mb / 129P
[Old version datasheet]   Three Input Low-Noise Clock Jitter Cleaner
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com