Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2305 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SL2305
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2305 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SL2305 Datasheet HTML 3Page - Silicon Laboratories SL2305 Datasheet HTML 4Page - Silicon Laboratories SL2305 Datasheet HTML 5Page - Silicon Laboratories SL2305 Datasheet HTML 6Page - Silicon Laboratories SL2305 Datasheet HTML 7Page - Silicon Laboratories SL2305 Datasheet HTML 8Page - Silicon Laboratories SL2305 Datasheet HTML 9Page - Silicon Laboratories SL2305 Datasheet HTML 10Page - Silicon Laboratories SL2305 Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Rev 2.1, October 22, 2007
Page 7 of 11
SL2305
External Components & Design Considerations
Typical Application Schematic
SL2305
CL
CL
CL
0.1
μF
CLKIN
CLKOUT
CLK1
CLK4
GND
VDD
1
6
4
7
3
8
Comments and Recommendations
Decoupling Capacitor:
A decoupling capacitor of 0.1μF must be used between VDD and VSS on the pins 6 and 4. Place
the capacitor on the component side of the PCB as close to the VDD pin as possible. The PCB trace to the VDD pin and to
the GND via should be kept as short as possible. Do not use vias between the decoupling capacitor and the VDD pin.
Series Termination Resistor: A series termination resistor is recommended if the distance between the outputs and the
load is over 1 ½ inch. The nominal impedance of the Clock outputs are
about 30 Ω. Use 20 Ω resistor in series with the
output to terminate 50Ω trace impedance and place 20 Ω resistor as close to the clock outputs as possible.
Zero Delay and Skew Control: All outputs and CLKIN pins should be loaded with the same load to achieve “Zero Delay”
between the CLKIN and the outputs. The CLKOUT pin is connected to CLKIN internally on-chip for internal feedback to
PLL, and sees an additional 2 pF load with respect to the clock pins. For applications requiring zero input/output delay, the
load at the all output pins including the CLKOUT pin must be the same. If any delay adjustment is required, the capacitance
at the CLKOUT pin could be increased or decreased to increase or decrease the delay between clocks and CLKIN.
For minimum pin-to-pin skew, the external load at the clock outputs must be the same.


Similar Part No. - SL2305

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1 SPECTRALINEAR-SL2305SC-1 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1H SPECTRALINEAR-SL2305SC-1H Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1HT SPECTRALINEAR-SL2305SC-1HT Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1T SPECTRALINEAR-SL2305SC-1T Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL2305

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com