Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2581SQX Datasheet(PDF) 8 Page - Texas Instruments

Part # LMX2581SQX
Description  Wideband Frequency Synthesizer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2581SQX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMX2581SQX Datasheet HTML 4Page - Texas Instruments LMX2581SQX Datasheet HTML 5Page - Texas Instruments LMX2581SQX Datasheet HTML 6Page - Texas Instruments LMX2581SQX Datasheet HTML 7Page - Texas Instruments LMX2581SQX Datasheet HTML 8Page - Texas Instruments LMX2581SQX Datasheet HTML 9Page - Texas Instruments LMX2581SQX Datasheet HTML 10Page - Texas Instruments LMX2581SQX Datasheet HTML 11Page - Texas Instruments LMX2581SQX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
LMX2581
SNAS601G – AUGUST 2012 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40°C ≤ TA ≤ 85 °C; except as specified. Typical values are at Vcc = 3.3 V, 25 °C.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCO
All VCO Cores
fVCO
Before the VCO Divider
1880
3760
Combined
Core 1
12 to 24
Core 2
15 to 30
KVCO
VCO Gain
Vtune = 1.3 Volts
MHz/V
Core 3
20 to 37
Core 4
21 to 37
Allowable
Fvco
≥2.5 GHz
–125
+125
ΔTCL
Temperature Drift
VCO not being recalibrated
°C
Fvco < 2.5 GHz
–100
+125
(5)
No Pre-
fOSCin = 100 MHz
140
programming
VCO Calibration Time
fPD = 100 MHz
tVCOCal
us
(6)
Full Band Change 1880 — 3760
With Pre-
10
MHz
programming
10 kHz Offset
–85.4
100 kHz Offset
–114.5
fVCO = 1.9 GHz
1 MHz Offset
–137.0
dBc /Hz
Core 1
10 MHz Offset
–154.2
40 MHz Offset
–156.7
10 kHz Offset
–84.6
100 kHz Offset
–114.1
fVCO = 2.2 GHz
1 MHz Offset
–137.5
dBc /Hz
Core 2
10 MHz Offset
–154.5
40 MHz Offset
–156.1
VCO Phase Noise
PNVCO
(OUTx_PWR =15)
10 kHz Offset
–81.7
100 kHz Offset
–112.2
fVCO = 2.7 GHz
1 MHz Offset
–136.0
dBc /Hz
Core 3
10 MHz Offset
–153.1
40 MHz Offset
–155.0
10 kHz Offset
–79.0
100 kHz Offset
–108.6
fVCO = 3.3 GHz
1 MHz Offset
–132.6
dBc /Hz
Core 4
10 MHz Offset
–152.0
40 MHz Offset
–155.0
(5)
Continuous tuning range over temperature refers to programming the device at an initial temperature and allowing this temperature to
drift WITHOUT reprogramming the device. This change could be up or down in temperature and the specification does not apply to
temperatures that go outside the recommended operating temperatures of the device.
(6)
VCO digital calibration time is the amount of time it takes for the VCO to find the correct frequency band when switching to a new
frequency. After the correct frequency band is found , the remaining error is typically less than 1 MHz and then the PLL settles the rest
of the error in an analog manner. Pre-programming refers to specifying a band that is close to the final (<20 MHz), which greatly
improves the VCO calibration time.
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LMX2581


Similar Part No. - LMX2581SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581SQX TI-LMX2581SQX Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581SQX/NOPB TI1-LMX2581SQX/NOPB Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2581SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY73134 SKYWORKS-SKY73134 Datasheet
857Kb / 17P
   Wideband PLL Frequency Synthesizer
logo
Texas Instruments
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581E TI-LMX2581E_15 Datasheet
1Mb / 55P
[Old version datasheet]   LMX2581E Wideband Frequency Synthesizer with Integrated VCO
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
   Wideband Synthesizer
REV. 0
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
   Microwave Wideband Synthesizer
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com