Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQ3320E Datasheet(PDF) 11 Page - Texas Instruments

Part # LMX2541SQ3320E
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2541SQ3320E Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2541SQ3320E Datasheet HTML 7Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 8Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 9Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 10Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 11Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 12Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 13Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 14Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
tCES
tCS
D19
D18
D17
D16
tCH
tCWH
tCWL
D15
D0
C3
C2
C1
C0
MSB
LSB
DATA
CLK
LE
tES
tEWH
LMX2541
www.ti.com
SNOSB31J – JULY 2009 – REVISED DECEMBER 2014
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
tCE
Clock to Enable Low Time
See Figure 1
25
ns
tCS
Data to Clock Set Up Time
See Figure 1
25
ns
tCH
Data to Clock Hold Time
See Figure 1
20
ns
tCWH
Clock Pulse Width High
See Figure 1
25
ns
tCWL
Clock Pulse Width Low
See Figure 1
25
ns
tCES
Enable to Clock Set Up Time
See Figure 1
25
ns
tEWH
Enable Pulse Width High
See Figure 1
25
ns
Figure 1. Serial Data Timing Diagram
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2541


Similar Part No. - LMX2541SQ3320E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541SQ3320E NSC-LMX2541SQ3320E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ3320E TI1-LMX2541SQ3320E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ3320E TI-LMX2541SQ3320E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2541SQ3320E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com