Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQ2380E Datasheet(PDF) 10 Page - Texas Instruments

Part # LMX2541SQ2380E
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2541SQ2380E Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2541SQ2380E Datasheet HTML 6Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 7Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 8Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 9Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 10Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 11Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 12Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 13Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
LMX2541
SNOSB31J – JULY 2009 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
(3.15 V
≤ VCC ≤ 3.45 V, -40°C ≤ TA ≤ 85 °C; except as specified. Typical values are at Vcc = 3.3 V, 25 C.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
10-kHz Offset
–86.1
100-kHz Offset
–110.5
fRFout =
Min VCO
1-MHz Offset
–132.0
Frequency
10-MHz Offset
–152.2
20-MHz Offset
–157.1
Phase Noise
L(f)Fout
dBc/Hz
3030E
10-kHz Offset
–82.2
100-kHz Offset
–107.7
fRFout =
Max VCO
1-MHz Offset
–129.4
Frequency
10-MHz Offset
–150.5
20-MHz Offset
–156.1
10-kHz Offset
–84.1
100-kHz Offset
–109.1
fRFout =
Min VCO
1-MHz Offset
–130.7
Frequency
10-MHz Offset
–151.6
20-MHz Offset
–156.9
Phase Noise
L(f)Fout
dBc/Hz
3320E
10-kHz Offset
–82.0
100-kHz Offset
–107.0
fRFout =
Max VCO
1-MHz Offset
–128.5
Frequency
10-MHz Offset
–149.6
20-MHz Offset
–155.2
10-kHz Offset
–83.9
100-kHz Offset
–108.3
fRFout =
Min VCO
1-MHz Offset
–129.9
Frequency
10-MHz offset
–150.6
20-MHz Offset
–156.5
Phase Noise
L(f)Fout
dBc/Hz
3740E
10-kHz Offset
–81.6
100-kHz Offset
–106.5
fRFout =
Max VCO
1-MHz Offset
–127.7
Frequency
10-MHz Offset
–148.6
20-MHz Offset
–154.2
DIGITAL INTERFACE (DATA, CLK, LE, CE, Ftest/LD, FLout,RFoutEN)
VIH
High-Level Input Voltage
1.6
Vcc
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = 1.75, XO = 0
–5
5
µA
IIL
Low-Level Input Current
VIL = 0 V , XO = 0
–5
5
µA
VOH
High-Level Output Voltage
IOH = 500 µA
2
V
VOL
Low-Level Output Voltage
IOL = -500 µA
0
0.4
V
ILeak
Leakage Current
Ftest/LD and FLout Pins Only
–5
5
µA
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LMX2541


Similar Part No. - LMX2541SQ2380E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541SQ2380E NSC-LMX2541SQ2380E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2380E TI1-LMX2541SQ2380E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2380E TI-LMX2541SQ2380E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2541SQ2380E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com