Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2531LQ1226E Datasheet(PDF) 6 Page - Texas Instruments

Part # LMX2531LQ1226E
Description  High-Performance Frequency Synthesizer System
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2531LQ1226E Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2531LQ1226E Datasheet HTML 2Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 3Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 4Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 5Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 6Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 7Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 8Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 9Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LMX2531
SNAS252S – OCTOBER 2005 – REVISED DECEMBER 2014
www.ti.com
7.5 Electrical Characteristics
(VCC = 3.0 V, –40°C ≤ TA ≤ 85 °C; except as specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION
LMX2531LQ2265E/
38
44
2570E
Divider Disabled
LMX2531LQ2820E/
38
46
3010E
All Other Options
34
41
Power Supply Current Power
ICC
mA
Supply Current
LMX2531LQ2265E/
41
49
2570E
Divider Enabled
LMX2531LQ2820E/
44
52
3010E
All Other Options
37
46
ICCPD
Power Down Current
CE = 0 V, Part Initialized
7
µA
OSCILLATOR
IIHOSC
Oscillator Input High Current
VIH = 2.75 V
100
µA
IILOSC
Oscillator Input Low Current
VIL = 0
–100
µA
fOSCin
Frequency Range
See(1)
5
80
MHz
vOSCin
Oscillator Sensitivity
0.5
2.0
Vpp
PLL
fPD
Phase Detector Frequency
32
MHz
ICP = 0
90
µA
ICP = 1
180
µA
Charge Pump
ICPout
Output Current Magnitude
ICP = 3
360
µA
ICP = 15
1440
µA
ICPoutTRI
CP TRI-STATE Current
0.4 V < VCPout < 2.0 V
2
10
nA
Charge Pump
VCPout = 1.2 V
ICPoutMM
2%
8%
Sink vs Source Mismatch
TA = 25°C
Charge Pump
0.4 V < VCPout < 2.0 V
ICPoutV
4%
Current vs CP Voltage Variation
TA = 25°C
CP Current vs Temperature
ICPoutT
VCPout = 1.2 V
8%
Variation
Normalized PLL 1/f Noise
ICP = 1X Charge Pump Gain
–94
LNPLL_flicker(10 kHz)
dBc/Hz
ICP = 16X Charge Pump Gain
–104
See(2)
LN(f)
Normalized PLL Noise Floor
ICP = 1X Charge Pump Gain
–202
LNPLL_flat
dBc/Hz
ICP = 16X Charge Pump Gain
–212
See(3)
(1)
There are program bits that need to be set based on the OSCin frequency. Refer to the following sections: XTLSEL[2:0] -- OSCin
Select, XTLDIV[1:0] -- Division Ratio for the OSCin Frequency, XTLMAN[11:0] -- Manual OSCin Mode, XTLMAN2 -- Manual Crystal
Mode Second Adjustment, and LOCKMODE -- Frequency Calibration Mode. Not all bit settings can be used for all frequency choices of
OSCin. For instance, automatic modes described in XTLSEL[2:0] -- OSCin Select do not work below 8 MHz.
(2)
One of the specifications for modeling PLL in-band phase noise is the PLL 1/f noise normalized to 1 GHz carrier frequency and 10 kHz
offset, LPLL_flicker(10 kHz). From this normalized index of PLL 1/f noise, the PLL 1/f noise can be calculated for any carrier and offset
frequency as: LNPLL_flicker(f) = LPLL_flicker(10 kHz) – 10 × log (10 kHz / f) + 20 × log ( Fout / 1 GHz ). Flicker noise can dominate at low
offsets from the carrier and has a 10 dB/decade slope and improves with higher charge pump currents and at higher offset frequencies .
To accurately measure LPLL_flicker(10 kHz) it is important to use a high phase detector frequency and a clean reference to make it such
that this measurement is on the 10 dB/decade slope close to the carrier. LPLL_flicker(f) can be masked by the reference oscillator
performance if a low power or noisy source is used. The total PLL in-band phase noise performance is the sum of LPLL_flicker(f) and
LPLL_flat. In other words,LPLL(f) = 10 × log (10 (
LN
PLL_flat
/ 10 ) + 10(LN
PLL_flicker
(f) / 10 )
(3)
A specification used for modeling PLL in-band phase noise floor is the Normalized PLL noise floor, LNPLL_flat, and is defined as:
LNPLL_flat = L(f) – 20 × log (N) – 10 × log(fPD). LPLL_flat is the single side band phase noise in a 1 Hz Bandwidth and fPD is the phase
detector frequency of the synthesizer. LPLL_flat contributes to the total noise, L(f). To measure LPLL_flat the offset frequency must be
chosen sufficiently smaller then the loop bandwidth of the PLL, and yet large enough to avoid a substantial noise contribution from the
reference and PLL flicker noise. LPLL_flat can be masked by the reference oscillator performance if a low power or noisy source is used.
The total PLL in-band phase noise performance is the sum of LPLL_flicker(f) and LPLL_flat. In other words, LPLL(f) = 10 × log (10 (
LN
PLL_flat
/ 10 )
+ 10 (LN
PLL_flicker
(f) / 10 )
6
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMX2531


Similar Part No. - LMX2531LQ1226E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1226E NSC-LMX2531LQ1226E Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1226E TI-LMX2531LQ1226E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2531LQ1226E NSC-LMX2531LQ1226E Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1226E NSC-LMX2531LQ1226E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
More results

Similar Description - LMX2531LQ1226E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W137 CYPRESS-W137 Datasheet
174Kb / 10P
   Bx Notebook System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com