Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2492RTWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2492RTWR
Description  Low Noise Fractional N PLL
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2492RTWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMX2492RTWR Datasheet HTML 3Page - Texas Instruments LMX2492RTWR Datasheet HTML 4Page - Texas Instruments LMX2492RTWR Datasheet HTML 5Page - Texas Instruments LMX2492RTWR Datasheet HTML 6Page - Texas Instruments LMX2492RTWR Datasheet HTML 7Page - Texas Instruments LMX2492RTWR Datasheet HTML 8Page - Texas Instruments LMX2492RTWR Datasheet HTML 9Page - Texas Instruments LMX2492RTWR Datasheet HTML 10Page - Texas Instruments LMX2492RTWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
±40
±35
±30
±25
±20
±15
±10
±5
0
0
2
4
6
8
10
12
14
16
Frequency (GHz)
C001
±5
±4
±3
±2
±1
0
1
2
3
4
5
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
Charge Pump Voltage (V)
Kpd = 8x
Kpd = 16x
Kpd = 31x
C001
±5
±4
±3
±2
±1
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Charge Pump Voltage (V)
Kpd = 8x
Kpd = 16x
Kpd = 31x
C002
LMX2492, LMX2492-Q1
www.ti.com
SNAS624B – MARCH 2014 – REVISED MAY 2015
7.8 Typical Characteristics
For a charge pump supply of 3.3 V, optimal performance is for a
For a charge pump supply voltage of 5 volts or higher, optimal
typical charge pump output voltage between 0.5 and 2.8 volts.
performance is typically for a charge pump output voltage between
0.5 and 4.5 volts.
Figure 2. Charge Pump Current for Vcp = 3.3 V
Figure 3. Charge Pump Current for Vcp = 5.5 V
Typical value of lowest power level as a function of frequency. Design to electrical specifications for input sensitivity, not typical performance
graphs.
Figure 4. Fin Input Sensitivity
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMX2492 LMX2492-Q1


Similar Part No. - LMX2492RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492RTW TI-LMX2492RTW Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
More results

Similar Description - LMX2492RTWR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749 Datasheet
600Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_09 Datasheet
606Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Analog Devices
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com