Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP08ZI-1HT Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL23EP08ZI-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08ZI-1HT Datasheet(HTML) 2 Page - Silicon Laboratories

  SL23EP08ZI-1HT Datasheet HTML 1Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP08ZI-1HT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Rev 1.0, May 18, 2006
Page 2 of 15
SL23EP08
Pin Configuration
CLKA1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FBK
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
CLKIN
CLKA2
VDD
GND
CLKB1
CLKB2
S2
Pin Description
16-Pin SOIC and TSSOP
Pin
Number
Pin Name
Pin Type
Pin Description
1
CLKIN
Input
Reference Frequency Clock Input. 5V tolerant input. Weak pull-down (2
50kΩ).
2
CLKA1
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
3
CLKA2
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
4
VDD
Power
3.3V or 2.5V Power Supply.
5
GND
Power
Power Ground.
6
CLKB1
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
7
CLKB2
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
8
S2
Input
Select Input, select pin S2. Weak pull-
up (250kΩ).
9
S1
Input
Select Input, select pin S1. Weak pull-
up (250kΩ).
10
CLKB3
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
11
CLKB4
Output
Buffered Clock Output, Bank B. Weak pull-
down (250kΩ).
12
GND
Power
Power Ground.
13
VDD
Power
3.3V or 2.5V Power Supply.
14
CLKA3
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
15
CLKA4
Output
Buffered Clock Output, Bank A. Weak pull-
down (250kΩ).
16
FBK
Output
PLL Feedback input.


Similar Part No. - SL23EP08ZI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP08ZI-1HT SPECTRALINEAR-SL23EP08ZI-1HT Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL23EP08ZI-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com